Electronic Components Datasheet Search
  English  ▼

X  

2SD2500 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SD2500
Description  NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TVs)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2500 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SD2500 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2500 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2500 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2500 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2500 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD2500
2006-11-22
2
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Collector Cut−off Current
ICBO
VCB = 1500 V, IE = 0
―
―
1
mA
Emitter Cut−off Current
IEBO
VEB = 5 V, IC = 0
―
―
10
µA
Collector−Emitter Breakdown Voltage
V (BR) CEO
IC = 10 mA, IB = 0
600
―
―
V
hFE (1)
VCE = 5 V, IC = 1 A
10
―
30
DC Current Gain
hFE (2)
VCE = 5 V, IC = 6
4
―
8
―
Collector−Emitter Saturation Voltage
VCE (sat)
IC = 6A IB = 1.5A
―
―
3
V
Base−Emitter Saturation Voltage
VBE (sat)
IC = 6A IB = 1.5A
―
1.0
1.4
V
Transition Frequency
fT
VCE = 10 V, IC = 0.1 A
―
1.7
―
MHz
Collector Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
135
―
pF
Storage Time
tstg
―
7
11
Switching Time
Fall Time
tf
ICP = 6A, IB1 (end) = 1.5A
fH = 15.75kHz
―
0.35
0.7
µs
MARKING
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
D2500
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com