Electronic Components Datasheet Search
  English  ▼

X  

ML520G71 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # ML520G71
Description  LASER DIODES FOR DISPLAY SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML520G71 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML520G71 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML520G71 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML520G71 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML520G71 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUBISHI
ELECTRIC
( 3 / 4 )
ML5xx71 LD SERIES
MITSUBISHI LASER DIODES
FOR DISPLAY SYSTEM
620
625
630
635
640
645
650
655
0
2040
6080
Temperature (℃)
Po=220mW
CW
~0.20nm/℃
620
625
630
635
640
645
650
655
0
50
100
150
200
250
300
Light output Power (mW)
Tc=25℃
CW
~0.005nm/mW
-50 -40 -30 -20 -10 0 10 20 30 40 50
Angle (°)
Po=300mW
CW
θ⊥=35°
θ∥=7°
0
50
100
150
200
250
300
0
200
400
600
800
Current (mA)
CW
Typical Characteristics of ML520G71
Light Output Power vs. Current (CW)
Peak Wavelength vs. Light Output Power
Peak Wavelength vs. Temperature
Far-Field-Patterns
Tc=15
35
25
45
55
°C
Reference Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com