Electronic Components Datasheet Search
  English  ▼

X  

LM285 Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM285
Description  MICROPOWER VOLTAGE REFERENCE DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM285 Datasheet(HTML) 1 Page - Motorola, Inc

  LM285 Datasheet HTML 1Page - Motorola, Inc LM285 Datasheet HTML 2Page - Motorola, Inc LM285 Datasheet HTML 3Page - Motorola, Inc LM285 Datasheet HTML 4Page - Motorola, Inc LM285 Datasheet HTML 5Page - Motorola, Inc LM285 Datasheet HTML 6Page - Motorola, Inc LM285 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM285
LM385, B
SEMICONDUCTOR
TECHNICAL DATA
MICROPOWER VOLTAGE
REFERENCE DIODES
ORDERING INFORMATION
Order this document by LM285/D
Z SUFFIX
PLASTIC PACKAGE
CASE 29
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
(Bottom View)
1
32
8
7
6
5
Cathode
N.C.
N.C.
N.C.
4
3
2
Anode
N.C.
N.C.
1
N.C.
N.C.
Cathode
Anode
–
+
LM385–1.2
1.235 V
3.3 k
1.5 V
Battery
Standard Application
Device
Operating
Temperature
Range
Tolerance
LM285D–1.2
LM285Z–1.2
TA = – 40° to
+85
°C
±1.0%
LM285D–2.5
LM285Z–2.5
LM385BD–1.2
LM385BZ–1.2
LM385D–1.2
LM385Z–1.2
LM385BD–2.5
LM385BZ–2.5
LM385D–2.5
LM385Z–2.5
Reverse
Break–
down
Voltage
1.235 V
±1.5%
2.500 V
TA = 0° to
+70
°C
±1.0%
1.235 V
±2.0%
1.235 V
±1.5%
2.500 V
±3.0%
2.500 V
1
MOTOROLA ANALOG IC DEVICE DATA
Micropower Voltage
Reference Diodes
The LM285/LM385 series are micropower two–terminal bandgap voltage
regulator diodes. Designed to operate over a wide current range of 10
µA to
20 mA, these devices feature exceptionally low dynamic impedance, low
noise and stable operation over time and temperature. Tight voltage
tolerances are achieved by on–chip trimming. The large dynamic operating
range enables these devices to be used in applications with widely varying
supplies with excellent regulation. Extremely low operating current make
these devices ideal for micropower circuitry like portable instrumentation,
regulators and other analog circuitry where extended battery life is required.
The LM285/LM385 series are packaged in a low cost TO–226AA plastic
case and are available in two voltage versions of 1.235 and 2.500 V as
denoted by the device suffix (see Ordering Information table). The LM285 is
specified over a –40
°C to +85°C temperature range while the LM385 is rated
from 0
°C to +70°C.
The LM385 is also available in a surface mount plastic package in
voltages of 1.235 and 2.500 V.
• Operating Current from 10 µA to 20 mA
• 1.0%, 1.5%, 2.0% and 3.0% Initial Tolerance Grades
• Low Temperature Coefficient
• 1.0 Ω Dynamic Impedance
• Surface Mount Package Available
Representative Schematic Diagram
Open
for 1.235 V
10 k
Cathode
Anode
100 k
500
Ω
600 k
600 k
425 k
74.3 k
8.45 k
600 k
360 k
Open
for 2.5 V
© Motorola, Inc. 1996
Rev 2


Similar Part No. - LM285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285 TI-LM285 Datasheet
307Kb / 15P
MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM285 NSC-LM285 Datasheet
713Kb / 14P
Adjustable Micropower Voltage References
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285 Datasheet
88Kb / 9P
Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Similar Description - LM285

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
ON Semiconductor
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com