Electronic Components Datasheet Search
  English  ▼

X  

MCP73861 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73861
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73861 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73861 Datasheet HTML 9Page - Microchip Technology MCP73861 Datasheet HTML 10Page - Microchip Technology MCP73861 Datasheet HTML 11Page - Microchip Technology MCP73861 Datasheet HTML 12Page - Microchip Technology MCP73861 Datasheet HTML 13Page - Microchip Technology MCP73861 Datasheet HTML 14Page - Microchip Technology MCP73861 Datasheet HTML 15Page - Microchip Technology MCP73861 Datasheet HTML 16Page - Microchip Technology MCP73861 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21893D-page 13
MCP73861/2/3/4
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3.1.
3.1
Voltage Regulation Selection
(VSET)
MCP73861/3: Connect VSET to VSS for 4.1V regulation
voltage, connect to VDD for 4.2V regulation voltage.
MCP73862/4: Connect VSET to VSS for 8.2V regulation
voltage, connect to VDD for 8.4V regulation voltage.
3.2
Battery Management Input Supply
(VDD2, VDD1)
A supply voltage of [VREG (typ.) + 0.3V] to 12V is
recommended. Bypass to VSS with a minimum of
4.7 µF.
3.3
Battery Management 0V Reference
(VSS1, VSS2, VSS3)
Connect to negative terminal of battery and input
supply.
3.4
Current Regulation Set (PROG)
Preconditioning, fast and termination currents are
scaled by placing a resistor from PROG to VSS.
3.5
Cell Temperature Sensor Bias
(THREF)
THREF is a voltage reference to bias external
thermistor for continuous cell temperature monitoring
and prequalification.
3.6
Cell Temperature Sensor Input
(THERM)
THERM is an input for an external thermistor for contin-
uous cell-temperature monitoring and prequalification.
Connect to THREF/3 to disable temperature sensing.
3.7
Timer Set
All safety timers are scaled by CTIMER/0.1 µF.
3.8
Battery Charge Control Output
(VBAT1, VBAT2)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 4.7 µF to ensure loop stability
when the battery is disconnected.
TABLE 3-1:
PIN FUNCTION TABLE
MCP73861/2/3/4
Symbol
Function
QFN
SOIC
13
VSET
Voltage Regulation Selection
24
VDD1
Battery Management Input Supply
35
VDD2
Battery Management Input Supply
46
VSS1
Battery Management 0V Reference
5
7
PROG
Current Regulation Set
6
8
THREF
Cell Temperature Sensor Bias
7
9
THERM
Cell Temperature Sensor Input
8
10
TIMER
Timer Set
911
VSS3
Battery Management 0V Reference
10
12
VBAT1
Battery Charge Control Output
11
13
VBAT2
Battery Charge Control Output
12
14
VBAT3
Battery Voltage Sense
13
15
VSS2
Battery Management 0V Reference
14
16
EN
Logic Enable
15
1
STAT2
Fault Status Output
16
2
STAT1
Charge Status Output
17
–
EP
Exposed Pad; Battery Management 0V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com