Electronic Components Datasheet Search
  English  ▼

X  

MCP3551T Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3551T
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551T Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3551T Datasheet HTML 13Page - Microchip Technology MCP3551T Datasheet HTML 14Page - Microchip Technology MCP3551T Datasheet HTML 15Page - Microchip Technology MCP3551T Datasheet HTML 16Page - Microchip Technology MCP3551T Datasheet HTML 17Page - Microchip Technology MCP3551T Datasheet HTML 18Page - Microchip Technology MCP3551T Datasheet HTML 19Page - Microchip Technology MCP3551T Datasheet HTML 20Page - Microchip Technology MCP3551T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 17
MCP3550/1/3
:
FIGURE 4-2:
SINC Filter Response,
MCP3550-50 Device.
:
FIGURE 4-3:
SINC Filter Response,
MCP3550-60 Device.
:
FIGURE 4-4:
SINC Filter Response,
MCP3551 Device, Simultaneous 50/60 Hz
Rejection.
FIGURE 4-5:
SINC Filter Response at
Integer Multiples of the Sampling Frequency (fs).
4.3
Internal Oscillator
The MCP3550/1/3 devices include a highly stable and
accurate internal oscillator that provides clock signals
to the delta-sigma ADC with minimum jitter. The
oscillator is a specialized structure with a low
temperature coefficient across the full range of
specified operation. See Table 4-1 for oscillator
frequencies.
The conversion time is an integer multiple of the
internal clock period and, therefore, has the same
accuracy as the internal clock frequency. The internal
oscillator frequency is 102.4 kHz ±1% for the
MCP3550-50, 112.64 kHz ±1% for the MCP3551, and
122.88 kHz ±1% for the MCP3550-60 and MCP3553
devices, across the full power supply voltage and
specified temperature ranges.
The notch of the digital filter is proportional to the
internal oscillator frequency, with the exact notch
frequency equivalent to the oscillator accuracy
(< 1% deviation). This high accuracy, combined with
wide notches, will ensure that the MCP3551 will have
simultaneous 50 Hz and 60 Hz line frequency rejection
and the MCP3550-50 or MCP3550-60 devices will
have greater than 120 dB rejection (at either 50 or
60 Hz) by the digital filtering, even when jitter is
present.
The internal oscillator is held in the reset condition
when the part is in Shutdown mode to ensure very low
power consumption (< 1 µA in Shutdown mode). The
internal oscillator is independent of all serial digital
interface edges (i.e., state machine processing the
digital SPI interface is asynchronous with respect to the
internal clock edges).
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
0
60
120
180
240
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1020 3040506070 8090 100 110
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
0
28160 56320 84480 112640 140800 168960 197120 225280 253440
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com