Electronic Components Datasheet Search
  English  ▼

X  

MCP3909 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3909
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3909_09 Datasheet HTML 29Page - Microchip Technology MCP3909_09 Datasheet HTML 30Page - Microchip Technology MCP3909_09 Datasheet HTML 31Page - Microchip Technology MCP3909_09 Datasheet HTML 32Page - Microchip Technology MCP3909_09 Datasheet HTML 33Page - Microchip Technology MCP3909_09 Datasheet HTML 34Page - Microchip Technology MCP3909_09 Datasheet HTML 35Page - Microchip Technology MCP3909_09 Datasheet HTML 36Page - Microchip Technology MCP3909_09 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22025B-page 33
MCP3909
6.0
APPLICATIONS INFORMATION
The following application figures represent meter
designs using the MCP3909 device. Some of these
applications ideas are available as fully function meter
reference designs and demo boards. For complete
schematic and for fully function meter designs, visit
Microchip’s web page for demo board and reference
design availability.
6.1
Performing RMS, Apparent Power,
and Active Power using MCP3909
Waveform data
Figure 6-1
represents
power
calculations
from
waveform data based on a PIC MCU and MCP3909
device. The PIC MCU accomplishes the following
energy meter calculation outputs per phase, per line
cycle:
- RMS Current
-RMS Voltage
- Active Power
- Apparent Power
Output registers for the power quantities and
calibration registers for phase, offset, gain, and LSB
adjustment are available through a serial interface to
the PIC microcontroller. See Microchip’s web page for
firmware solution and demo board.
The example signal flow here shows 4 output power
quantities and 6 calibration registers. For a 60 Hz
design that is using 128 samples per line cycle for the
power calculation the MCP3909 would have a new
data
ready
pulse
every
130 µs.
The
SPI
communication to gather 16-bits x 2 channels at
10 MHz is approximately 3.2 µs, leaving ~125 µs for
the power calculations before the next sample is ready.
.
FIGURE 6-1:
Power Calculations from Waveform sampling using PIC MCU. Register names shown
are used on MCP3909 Energy Meter Reference Design.
X
X2
S
X
S
X
PHA_W_OFF:32
PHA_W_GAIN:16
F
PHA_DELAY:8
X2
S
PHA_V_RMS_OFF:16
X
PHA_VA_GAIN:16
ADC
ADC
CURRENT
VOLTAGE
Active Power
RMS Current
RMS Voltage
Apparent Power
MCP3909
PHA_I_RMS_OFF:16
PIC Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com