| Electronic Components Datasheet Search |
|
25LC1024T-I/MF Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC1024T-I/MF Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 32 page ![]() © 2008 Microchip Technology Inc. DS22064C-page 15 25LC1024 2.9 SECTOR ERASE The Sector Erase function will erase all bits (FFh) inside the given sector. A Write Enable (WREN) instruc- tion must be given prior to attempting a Sector Erase. This is done by setting CS low and then clocking out the proper instruction into the 25LC1024. After all eight bits of the instruction are transmitted, the CS must be brought high to set the write enable latch. The Sector Erase function is entered by driving CS low, followed by the instruction code (Figure 2-9), and three address bytes. Any address inside the sector to be erased is a valid address. CS must then be driven high after the last bit if the address or the Sector Erase will not execute. Once the CS is driven high, the self-timed Sector Erase cycle is started. The WIP bit in the STATUS register can be read to determine when the Sector Erase cycle is complete. If a SECTOR ERASE instruction is given to an address that has been protected by the Block Protect bits (BP0, BP1) then the sequence will be aborted and no erase will occur. See Table 2-3 for Sector Addressing. FIGURE 2-9: SECTOR ERASE SEQUENCE SO SI SCK CS 0 23456789 10 11 29 30 31 1 00 1 1 0 1 10 23 22 21 20 210 Instruction 24-bit Address High-Impedance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |