Electronic Components Datasheet Search
  English  ▼

X  

MCP3422 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 23Page - Microchip Technology MCP3422 Datasheet HTML 24Page - Microchip Technology MCP3422 Datasheet HTML 25Page - Microchip Technology MCP3422 Datasheet HTML 26Page - Microchip Technology MCP3422 Datasheet HTML 27Page - Microchip Technology MCP3422 Datasheet HTML 28Page - Microchip Technology MCP3422 Datasheet HTML 29Page - Microchip Technology MCP3422 Datasheet HTML 30Page - Microchip Technology MCP3422 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 27
MCP3422/3/4
TABLE 5-4:
I2C SERIAL TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are specified for TA = -40 to +85°C, VDD = +2.7V to +5.0V,
VSS = 0V, CHn+ = CHn- = VREF/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Standard Mode (100 kHz)
Clock frequency
fSCL
0
—
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
TR
—
—
1000
ns
From VIL to VIH (Note 1)
SDA and SCL fall time
TF
—
—
300
ns
From VIH to VIL (Note 1)
START condition hold time
THD:STA
4000
—
—
ns
After this period, the first clock
pulse is generated.
START (Repeated) condition
setup time
TSU:STA
4700
—
—
ns
Data hold time
THD:DAT
0
—
3450
ns
(Note 3)
Data input setup time
TSU:DAT
250
—
—
ns
STOP condition setup time
TSU:STO
4000
—
—
ns
Output valid from clock
TAA
0
—
3750
ns
(Note 2, Note 3)
Bus free time
TBUF
4700
—
—
ns
Time between START and STOP
conditions.
Fast Mode (400 kHz)
Clock frequency
TSCL
0
—
400
kHz
Clock high time
THIGH
600
—
—
ns
Clock low time
TLOW
1300
—
—
ns
SDA and SCL rise time
TR
20 + 0.1Cb
—
300
ns
From VIL to VIH (Note 1)
SDA and SCL fall time
TF
20 + 0.1Cb
—
300
ns
From VIH to VIL (Note 1)
START condition hold time
THD:STA
600
—
—
ns
After this period, the first clock
pulse is generated
START (Repeated) condition
setup time
TSU:STA
600
—
—
ns
Data hold time
THD:DAT
0
—
900
ns
(Note 4)
Data input setup time
TSU:DAT
100
—
—
ns
STOP condition setup time
TSU:STO
600
—
—
ns
Output valid from clock
TAA
0
—
1200
ns
(Note 2, Note 3)
Bus free time
TBUF
1300
—
—
ns
Time between START and STOP
conditions.
Note
1:
This parameter is ensured by characterization and not 100% tested.
2:
This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold Time (THD:DAT)
plus SDA Fall (or rise) time: TAA = THD:DAT + TF (OR TR).
3:
If this parameter is too short, it can create an unintended Start or Stop condition to other devices on the bus line. If this
parameter is too long, Clock Low time (TLOW) can be affected.
4:
For Data Input: If this parameter is too long, the Data Input Setup (TSU:DAT) or Clock Low time (TLOW) can be affected.
For Data Output: This parameter is characterized, and tested indirectly by testing TAA parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com