Electronic Components Datasheet Search
  English  ▼

X  

MCP73871 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 5 Page - Microchip Technology

  MCP73871 Datasheet HTML 1Page - Microchip Technology MCP73871 Datasheet HTML 2Page - Microchip Technology MCP73871 Datasheet HTML 3Page - Microchip Technology MCP73871 Datasheet HTML 4Page - Microchip Technology MCP73871 Datasheet HTML 5Page - Microchip Technology MCP73871 Datasheet HTML 6Page - Microchip Technology MCP73871 Datasheet HTML 7Page - Microchip Technology MCP73871 Datasheet HTML 8Page - Microchip Technology MCP73871 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 5
MCP73871
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VIN....................................................................................7.0V
All Inputs and Outputs w.r.t. ................ VSS-0.3V to VDD+0.3V
(VDD = VIN or VBAT)
Maximum Junction Temperature, TJ ............ Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
Human Body Model (1.5 k
Ω in Series with 100pF) ........≥ 4kV
Machine Model (200 pF, No Series Resistance) .............300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for V
IN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Supply Voltage
VIN
VREG
+0.3V
—6
V
Supply Current
ISS
—
2500
3750
µA
Charging
—
260
350
µA
Charge Complete
—
180
300
µA
Standby
—
28
50
µA
Shutdown
(VDD < VBAT - 100 mV or
VDD < VSTOP)
UVLO Start Threshold
VSTART
VREG +
0.05V
VREG +
0.15V
VREG +
0.25V
VVDD= Low-to-High
UVLO Stop Threshold
VSTOP
VREG –
0.07V
VREG +
0.07V
VREG +
0.17V
VVDD= High-to-Low
UVLO Hysteresis
VHYS
—90
—
mV
Voltage Regulation (Constant Voltage Mode)
Regulated Charge Voltage
VREG
4.080
4.10
4.121
V
VDD=[VREG(typical)+1V]
4.179
4.20
4.221
V
IOUT=10 mA
4.328
4.35
4.372
V
TA=-5°C to +55°C
4.378
4.40
4.422
Regulated Charge Voltage Tolerance
VRTOL
-0.5
—
+0.5
%
TA= +25°C
-0.75
—
+0.75
%
TA= -5°C to +55°C
Line Regulation
|(ΔV
BAT/VBAT)/
ΔV
DD|
—
0.08
0.20
%/V
VDD=[VREG(typical)+1V] to 6V
IOUT=10 mA
Load Regulation
|ΔV
BAT/VBAT|
—
0.08
0.18
%
IOUT=10 mA to 150 mA
VDD= [VREG(typical)+1V]
Supply Ripple Attenuation
PSRR
—
-47
—
dB
IOUT=10mA, 1kHz
—-40
—
dB
IOUT=10 mA, 10 kHz
Current Regulation (Fast Charge Constant-Current Mode)
AC-Adapter Fast Charge Current
IREG
90
100
110
mA
PROG1 = 10 k
Ω
900
1000
1100
mA
PROG1 = 1 k
Ω,
TA=-5°C to +55°C, SEL = Hi
USB Fast Charge Current
IREG
80
90
100
mA
PROG2 = Low, SEL = Low,
(Note 2)
400
450
500
mA
PROG2 = High, SEL = Low,
(Note 2)
TA= -5°C to +55°C
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com