Electronic Components Datasheet Search
  English  ▼

X  

MCP6V06T Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6V06T
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06T Datasheet(HTML) 4 Page - Microchip Technology

  MCP6V06T Datasheet HTML 1Page - Microchip Technology MCP6V06T Datasheet HTML 2Page - Microchip Technology MCP6V06T Datasheet HTML 3Page - Microchip Technology MCP6V06T Datasheet HTML 4Page - Microchip Technology MCP6V06T Datasheet HTML 5Page - Microchip Technology MCP6V06T Datasheet HTML 6Page - Microchip Technology MCP6V06T Datasheet HTML 7Page - Microchip Technology MCP6V06T Datasheet HTML 8Page - Microchip Technology MCP6V06T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP6V06/7/8
DS22093B-page 4
© 2008 Microchip Technology Inc.
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +15
—
VDD − 15
mV
G = +2, 0.5V input overdrive
Output Short Circuit Current
ISC
—±7
—
mA
VDD =1.8V
ISC
—±22
—
mA
VDD =5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per amplifier
IQ
200
300
400
µA
IO = 0
POR Trip Voltage
VPOR
1.15
—
1.65
V
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL, and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Set by design and characterization. Due to thermal junction and other effects in the production environment, these
parts can only be screened in production (except TC1; see Appendix B: “Offset Related Test Screens”).
2:
Figure 2-18 shows how VCMR changed across temperature for the first three production lots.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL, CL = 60 pF, and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min Typ Max Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP
—
1.3
—
MHz
Slew Rate
SR
—
0.5
—
V/µs
Phase Margin
PM
—
65
—
°
G = +1
Amplifier Noise Response
Input Noise Voltage
Eni
—0.54
—
µVP-P f = 0.01 Hz to 1 Hz
Eni
—1.7
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—82
—
nV/
√Hz f < 2.5 kHz
eni
—52
—
nV/
√Hz f = 100 kHz
Input Noise Current Density
ini
—0.6
—
fA/
√Hz
Amplifier Distortion (Note 1)
Intermodulation Distortion (AC)
IMD
—
32
—
µVPK
VCM tone = 50 mVPK at 1 kHz, GN = 1, VDD = 1.8V
IMD
—
25
—
µVPK
VCM tone = 50 mVPK at 1 kHz, GN = 1, VDD = 5.5V
Amplifier Step Response
Start Up Time
tSTR
—500
—
µs
VOS within 50 µV of its final value
Offset Correction Settling Time
tSTL
—
300
—
µs
G = +1, VIN step of 2V,
VOS within 50 µV of its final value
Output Overdrive Recovery Time
tODR
—
100
—
µs
G = -100, ±0.5V input overdrive to VDD/2,
VIN 50% point to VOUT 90% point (Note 2)
Note 1:
These parameters were characterized using the circuit in Figure 1-7. Figure 2-37 and Figure 2-38 show both an IMD
tone at DC and a residual tone at1 kHz; all other IMD and clock tones are spread by the randomization circuitry.
2:
tODR includes some uncertainty due to clock edge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com