Electronic Components Datasheet Search
  English  ▼

X  

23A256 Datasheet(PDF) 8 Page - Microchip Technology

Part # 23A256
Description  256K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A256 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 23A256 Datasheet HTML 4Page - Microchip Technology 23A256 Datasheet HTML 5Page - Microchip Technology 23A256 Datasheet HTML 6Page - Microchip Technology 23A256 Datasheet HTML 7Page - Microchip Technology 23A256 Datasheet HTML 8Page - Microchip Technology 23A256 Datasheet HTML 9Page - Microchip Technology 23A256 Datasheet HTML 10Page - Microchip Technology 23A256 Datasheet HTML 11Page - Microchip Technology 23A256 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
23A256/23K256
DS22100D-page 8
© 2009 Microchip Technology Inc.
FIGURE 2-3:
PAGE READ SEQUENCE
FIGURE 2-4:
PAGE WRITE SEQUENCE
765
432
10
Page X, Word Y
SI
CS
9 10 11
21 22 2324 2526 272829 30 31
15 14 13 12
21
0
16-bit Address
SCK
0
234
567
1
8
SO
CS
76
54321
0
Page X, Word 0
SCK
32
34 35 36 37 38 39
33
7
65432
10
Page X, Word 31
7
65432
10
Page X, Word Y+1
Page X, Word Y
SO
High Impedance
SI
01
0
0
0
0
01
Instruction
SI
CS
9 1011
21 2223 2425 26 2728 2930 31
15 14 13 12
210
76
5
432
10
16-bit Address
SCK
0
234
567
18
CS
SI
76
54321
0
Page X, Word 0
7
65432
10
Page X, Word 31
7
65432
10
Page X, Word Y+1
Page X, Word Y
Page X, Word Y
SCK
32
34 35 36 37 38 39
33
00
0
0
0
0
01
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com