Electronic Components Datasheet Search
  English  ▼

X  

24AA01H Datasheet(PDF) 13 Page - Microchip Technology

Part # 24AA01H
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA01H Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24AA01H Datasheet HTML 9Page - Microchip Technology 24AA01H Datasheet HTML 10Page - Microchip Technology 24AA01H Datasheet HTML 11Page - Microchip Technology 24AA01H Datasheet HTML 12Page - Microchip Technology 24AA01H Datasheet HTML 13Page - Microchip Technology 24AA01H Datasheet HTML 14Page - Microchip Technology 24AA01H Datasheet HTML 15Page - Microchip Technology 24AA01H Datasheet HTML 16Page - Microchip Technology 24AA01H Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2008 Microchip Technology Inc.
DS22104A-page 13
24AA01H/24LC01BH
8-Lead 2x3 TDFN
XXX
YWW
NN
AC4
527
13
Example:
5-Lead SC-70
Example:
XXNN
C13F
Part Number
1st Line Marking Codes
TSSOP
MSOP
SOT-23
TDFN
SC-70
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
24AA01
4A1H
4A01HT
1MNN
—
AC1
—
C2NN
—
24LC01B
4L1H
4L1BHT
1QNN
1RNN
AC4
AC5
C1NN
C3NN
Note:
T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com