Electronic Components Datasheet Search
  English  ▼

X  

MCP9509 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP9509
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9509 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP9509 Datasheet HTML 13Page - Microchip Technology MCP9509 Datasheet HTML 14Page - Microchip Technology MCP9509 Datasheet HTML 15Page - Microchip Technology MCP9509 Datasheet HTML 16Page - Microchip Technology MCP9509 Datasheet HTML 17Page - Microchip Technology MCP9509 Datasheet HTML 18Page - Microchip Technology MCP9509 Datasheet HTML 19Page - Microchip Technology MCP9509 Datasheet HTML 20Page - Microchip Technology MCP9509 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 17
MCP9509/10
For example, at room temperature, when output
asserts Active-Low and maximum IDD = 50 µA,
VDD =5.5V, VOL = 0.3V and IOUT = 5 mA (see specifi-
cation table), the self heating due to power dissipation
(TJ - TA) is ~0.4°C.
4.6.2
DRIVING OUTSET WITH A
MICROCONTROLLER I/O PIN
The OUTSET pin can be controlled using a Microcon-
troller input/output (I/O) pin. I/O levels HIGH and LOW
provide push-pull configuration with Active-High and
Active-Low outputs, respectively. The Open-Drain
output with internal pull-up resistor can be selected by
configuring the I/O pin as a High-Impedance Input. The
Open-Drain output can also be selected by forcing volt-
age level VOSET from a low impedance source. With
this configuration, there maybe some leakage current
due to impedance mismatch, (See Figure 4-2).
4.6.3
POWER SUPPLY REJECTION
The MCP9509/10 family of sensors are designed to
prevent false output trigger due to high frequency
power supply or system noise. Figure 4-7 shows
device performance with a high frequency signal added
on VDD. The output is not triggered due to the signal
added
on
VDD. With some applications, it is
recommended to add a bypass capacitor of 0.1 µF to
1µF.
FIGURE 4-7:
Power Supply Rejection
(PSR).
0
1
2
3
4
5
6
10
100
10 00
10 000
10 000 0
10 000 00
10 000 000
Frequency (Hz)
MCP9509/10 Power Supply Rejection
No False Trigger
VDD = 5V + 400mVAC
VDD = 5V + 400mVSQR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com