Electronic Components Datasheet Search
  English  ▼

X  

MCP9510 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 2Page - Microchip Technology MCP9510 Datasheet HTML 3Page - Microchip Technology MCP9510 Datasheet HTML 4Page - Microchip Technology MCP9510 Datasheet HTML 5Page - Microchip Technology MCP9510 Datasheet HTML 6Page - Microchip Technology MCP9510 Datasheet HTML 7Page - Microchip Technology MCP9510 Datasheet HTML 8Page - Microchip Technology MCP9510 Datasheet HTML 9Page - Microchip Technology MCP9510 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP9509/10
DS22114A-page 6
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground, RPULL-UP = 10 kΩ
(MCP9509 only) and 0.1 µf bypass capacitor.
FIGURE 2-7:
Temperature Accuracy
Histogram at +45°C.
FIGURE 2-8:
Temperature Accuracy
Histogram at +70°C.
FIGURE 2-9:
Temperature Accuracy
Histogram at +125°C.
FIGURE 2-10:
Temperature Accuracy
Histogram at 0°C.
FIGURE 2-11:
Temperature Accuracy
Histogram at -20°C.
FIGURE 2-12:
Temperature Accuracy
Histogram at -40°C.
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = +45°C
VDD = 4.1V
9087 Units
6 Lots
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = +70°C
VDD = 4.1V
9280 Units
6 Lots
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = +125°C
VDD = 4.1V
9083 Units
6 Lots
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = 0°C
VDD = 4.1V
8936 Units
6 Lots
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = -20°C
VDD = 4.1V
8304 Units
6 Lots
0%
4%
8%
12%
16%
20%
Temperature Accuracy (°C)
TA = -40°C
VDD = 4.1V
9412 Units
6 Lots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com