Electronic Components Datasheet Search
  English  ▼

X  

MCP6L1 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6L1
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6L1 Datasheet HTML 7Page - Microchip Technology MCP6L1 Datasheet HTML 8Page - Microchip Technology MCP6L1 Datasheet HTML 9Page - Microchip Technology MCP6L1 Datasheet HTML 10Page - Microchip Technology MCP6L1 Datasheet HTML 11Page - Microchip Technology MCP6L1 Datasheet HTML 12Page - Microchip Technology MCP6L1 Datasheet HTML 13Page - Microchip Technology MCP6L1 Datasheet HTML 14Page - Microchip Technology MCP6L1 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 11
MCP6L1/1R/2/4
4.0
APPLICATION INFORMATION
The MCP6L1/1R/2/4 family of op amps is manufac-
tured using Microchip’s state of the art CMOS process.
They are unity-gain stable and suitable for a wide range
of general purpose applications.
4.1
Inputs
4.1.1
PHASE REVERSAL
The MCP6L1/1R/2/4 op amps are designed to prevent
phase inversion when the input pins exceed the supply
voltages. Figure 2-10 shows an input voltage exceed-
ing both supplies without any phase reversal.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit they are in must limit the
currents (and voltages) at the input pins (see
Section 1.1
“Absolute
Maximum
Ratings †”).
Figure 4-1 shows the recommended approach to
protecting these inputs. The internal ESD diodes
prevent the input pins (VIN+ and VIN–) from going too
far below ground, and the resistors R1 and R2 limit the
possible current drawn out of the input pins. Diodes D1
and D2 prevent the input pins (VIN+ and VIN–) from
going too far above VDD, and dump any currents onto
VDD.
FIGURE 4-1:
Protecting the Analog
Inputs.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common
mode voltage (VCM) is below ground (VSS); see
Figure 2-7. Applications that are high impedance may
need to limit the usable voltage range.
4.1.3
NORMAL OPERATION
The Common Mode Input Voltage Range (VCMR)
includes ground in single-supply systems (VSS), but
does not include VDD. This means that the amplifier
input behaves linearly as long as the Common Mode
Input Voltage (VCM) is kept within the VCMR limits (typ-
ically VSS – 0.3V to VDD –1.2V at +25°C).
Figure 4-3 shows a unity gain buffer. Since VOUT is the
same voltage as the inverting input, VOUT must be kept
below VDD – 1.2V (typically) for correct operation.
FIGURE 4-2:
Unity Gain Buffer has a
Limited VOUT Range.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6L1/1R/2/4 op
amps is VDD – 35 mV (minimum) and VSS +35mV
(maximum) when RL =10kΩ is connected to VDD/2
and VDD = 5.0V. Refer to Figure 2-13 for more informa-
tion.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-3) improves the
feedback loop’s stability by making the output load
resistive at higher frequencies; the bandwidth will
usually be decreased.
FIGURE 4-3:
Output Resistor, RISO
stabilizes large capacitive loads.
Bench measurements are helpful in choosing RISO.
Adjust RISO so that a small signal step response (see
Figure 2-14) has reasonable overshoot (e.g., 4%).
V1
MCP6LX
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
R3
V1
MCP6LX
V2
RISO
VOUT
CL
MCP6LX
RF
RG
RN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com