Electronic Components Datasheet Search
  English  ▼

X  

MCP6561 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6561
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6561 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6561 Datasheet HTML 1Page - Microchip Technology MCP6561 Datasheet HTML 2Page - Microchip Technology MCP6561 Datasheet HTML 3Page - Microchip Technology MCP6561 Datasheet HTML 4Page - Microchip Technology MCP6561 Datasheet HTML 5Page - Microchip Technology MCP6561 Datasheet HTML 6Page - Microchip Technology MCP6561 Datasheet HTML 7Page - Microchip Technology MCP6561 Datasheet HTML 8Page - Microchip Technology MCP6561 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP6561/1R/1U/2/4
DS22139B-page 4
© 2009 Microchip Technology Inc.
AC CHARACTERISTICS
TEMPERATURE SPECIFICATIONS
1.2
Test Circuit Configuration
This test circuit configuration is used to determine the
AC and DC specifications.
FIGURE 1-1:
AC and DC Test Circuit for
the Push-Pull Output Comparators.
Electrical Characteristics: Unless otherwise indicated: VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN- = VSS,
RL =10kΩ to VDD/2, and CL = 25 pF. (see Figure 1-1).
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Propagation Delay
High-to-Low,100 mV Overdrive
tPHL
—56
80
ns
VCM= VDD/2, VDD = 1.8V
—34
80
ns
VCM= VDD/2, VDD = 5.5V
Low-to-High, 100 mV Overdrive
tPLH
—49
80
ns
VCM= VDD/2, VDD = 1.8V
—47
80
ns
VCM= VDD/2, VDD = 5.5V
Skew 1
tPDS
—±10
—
ns
Output
Rise Time
tR
—20
—
ns
Fall Time
tF
—20
—
ns
Maximum Toggle Frequency
fTG
—4
—
MHz
VDD = 5.5V
—2
—
MHz
VDD = 1.8V
Input Voltage Noise 2
ENI
—
350
—
µVP-P
10 Hz to 10 MHz
Note
1:
Propagation Delay Skew is defined as: tPDS = tPLH - tPHL.
2:
ENI is based on SPICE simulation.
Electrical Characteristics: Unless otherwise indicated: VDD = +1.8V to +5.5V and VSS = GND.
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, SC70-5
θ
JA
—331
—
°C/W
Thermal Resistance, SOT-23-5
θ
JA
—
220.7
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—
149.5
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—211
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—
95.3
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—100
—
°C/W
VDD
VSS = 0V
200 k
Ω
200 k
Ω
200 k
Ω
200 k
Ω
VOUT
VIN = VSS
25 pF
IOUT
MCP656X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com