Electronic Components Datasheet Search
  English  ▼

X  

MCP4541T-502E/MS Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP4541T-502E/MS
Description  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541T-502E/MS Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP4541T-502E/MS Datasheet HTML 84Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 85Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 86Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 87Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 88Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 89Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 90Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 91Page - Microchip Technology MCP4541T-502E/MS Datasheet HTML 92Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
© 2008 Microchip Technology Inc.
DS22107A-page 89
MCP454X/456X/464X/466X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP4541:
Single Non-Volatile 7-bit Potentiometer
MCP4541T:
Single Non-Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4542:
Single Non-Volatile 7-bit Rheostat
MCP4542T:
Single Non-Volatile 7-bit Rheostat
(Tape and Reel)
MCP4561:
Single Non-Volatile 8-bit Potentiometer
MCP4561T:
Single Non-Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4562:
Single Non-Volatile8-bit Rheostat
MCP4562T:
Single Non-Volatile 8-bit Rheostat
(Tape and Reel)
MCP4641:
Dual Non-Volatile 7-bit Potentiometer
MCP4641T:
Dual Non-Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4642:
Dual Non-Volatile 7-bit Rheostat
MCP4642T:
Dual Non-Volatile 7-bit Rheostat
(Tape and Reel)
MCP4661:
Dual Non-Volatile 8-bit Potentiometer
MCP4661T:
Dual Non-Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4662:
Dual Non-Volatile8-bit Rheostat
MCP4662T:
Dual Non-Volatile 8-bit Rheostat
(Tape and Reel)
Resistance Version:
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
104 = 100 k
Ω
Temperature Range:
E
= -40°C to +125°C
Package:
MF = Plastic Dual Flat No-lead (3x3 DFN), 8/10-lead
ML = Plastic Quad Flat No-lead (QFN), 16-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
ST
= Plastic Thin Shrink Small Outline (TSSOP), 14-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP4541-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4541-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4541-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4541-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4541T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4542-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4542-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4542-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4542-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4542T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4561-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4561-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4561-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4561-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4561T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4562-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4562-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4562-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4562-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4562T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4641-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4641-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4641-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4641-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4641T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4642-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4642-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4642-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4642-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4642T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4661-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4661-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4661-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4661-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4661T-104E/XX: T/R, 100 k
Ω, 8LD Device
a)
MCP4662-502E/XX:
5 k
Ω, 8LD Device
b)
MCP4662-103E/XX:
10 k
Ω, 8-LD Device
c)
MCP4662-503E/XX:
50 k
Ω, 8LD Device
d)
MCP4662-104E/XX:
100 k
Ω, 8LD Device
e)
MCP4662T-104E/XX: T/R, 100 k
Ω, 8LD Device
XX
= MF for 8/10-lead 3x3 DFN
= ML for 16-lead QFN
= MS for 8-lead MSOP
= ST for 14-lead TSSOP
= UN for 10-lead MSOP
XXX
Resistance
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com