Electronic Components Datasheet Search
  English  ▼

X  

MCP6L1RT Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6L1RT
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1RT Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6L1RT Datasheet HTML 13Page - Microchip Technology MCP6L1RT Datasheet HTML 14Page - Microchip Technology MCP6L1RT Datasheet HTML 15Page - Microchip Technology MCP6L1RT Datasheet HTML 16Page - Microchip Technology MCP6L1RT Datasheet HTML 17Page - Microchip Technology MCP6L1RT Datasheet HTML 18Page - Microchip Technology MCP6L1RT Datasheet HTML 19Page - Microchip Technology MCP6L1RT Datasheet HTML 20Page - Microchip Technology MCP6L1RT Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 17
MCP6L1/1R/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
1
23
5
4
5-Lead SOT-23 (MCP6L1/1R)
Example:
XXNN
1
23
5
4
WC25
Device
Code
MCP6L1
WCNN
MCP6L1R
WDNN
Note: Applies to 5-Lead SOT-23.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6L2E
SN^^0908
256
3
e
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6L2E
908256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com