Electronic Components Datasheet Search
  English  ▼

X  

24LC04BHT-I/OT Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC04BHT-I/OT
Description  4K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04BHT-I/OT Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC04BHT-I/OT Datasheet HTML 9Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 10Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 11Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 12Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 13Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 14Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 15Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 16Page - Microchip Technology 24LC04BHT-I/OT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22119A-page 13
24AA04H/24LC04BH
1st Line Marking
Part No.
TSSOP
MSOP
SOT-23
TDFN
I-Temp
E-Temp
I-Temp
E-Temp
I-Temp
E-Temp
24AA04H
4A4H
4A4HI
—
3MNN
—
AE1
—
24LC04BH
4L4H
4L4BHI
4L4BHE
3QNN
3RNN
AE4
AE5
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com