Electronic Components Datasheet Search
  English  ▼

X  

CSP3155 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CSP3155
Description  Surface Mount Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CSP3155 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CSP3155 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Splitters / Combiners
Dimensions and Schematics
2.0
CSP3151, CSP3152, CSP3153,
CSP3154, CSP3155
(6)
(5)
(4)
Chip Splitter / Combiner
(1)
(2)
3-0.7
3.2
P/N Marking Side
(3)
6-R0.15
IN
C
5
3
1
OUT-2
R
OUT-1
(1)Output Port-1
(2)NC
(3)Output Port-2
(4)NC
(5)Input Port
(6)NC
CSP3157
Order Information
CSP3157
IN
Unit : mm
4
5
6
Chip Splitter / Combiner
OUT-2
3
2
R
1
OUT-1
(1)Output Port-1
(2)GND
(3)Output Port-2
(4)GND
(5)Input Port
(6)GND
C : Matching Capacitor
R : Isolation Resistor
Style No.
CSP3151-0900-G
CSP3152-1500-G
CSP3153-1700-G
CSP3154-1900-G
Frequency
Range
[ MHz ]
800~1000
1400~1600
1600~1800
1800~2000
*Insertion
Loss
[ dB ]
4.0 max.
4.0 max.
4.0 max.
4.0 max.
Nominal
Impedance
[ Ω ]
50
50
50
50
Power
Balance
[ dB ]
0.2 max.
0.2 max.
0.2 max.
0.2 max.
Isolation
[ dB ]
15.0 min.
15.0 min.
13.0 min.
11.0 min.
VSWR
Input
[ dB ]
1.6 max.
1.5 max.
1.5 max.
1.6 max.
VSWR
Output
[ dB ]
1.3 max.
1.3 max.
1.3 max.
1.3 max.
Max. Input
Power
[ W ]
1.0 max.
1.0 max.
1.0 max.
1.0 max.
Matching
Capacitor
Note
3.00 pF
1.50 pF
1.25 pF
1.00 pF
CSP3155-2100-G
CSP3155-2400-G
CSP3157-5800-G
2000~2200
2300~2500
5700~5900
4.2 max.
4.2 max.
4.2 max.
50
50
50
0.2 max.
0.2 max.
0.2 max.
13.0 min.
13.0 min.
15.0 min.
1.8 max.
1.8 max.
2.0 max.
2.0 max.
2.0 max.
2.0 max.
1.0 max.
1.0 max.
1.0 max.
1.00 pF
0.75 pF
-
Correspondence
W-CDMA
Correspondence
ETC
* Insertion loss : Including 3 dB Split loss
⋅
Test fixture : Teflon 0.8 mm
⋅
Operating Temperature Range : −30~+85 C
Recommendable Footprint / External Mounted Parts
CSP3151~CSP3155
CSP3157
3-0.5
1.4
5.2
0.6
*Uses a 50Ω microstrip line for
Matching Capacitor
width of input and output port.
2−φ0.6 Through Hole
Chip
Splitter / Combiner
1.5
2.5
Isolation Resistor :100Ω
φ0.4 Through Hole
1.4
2.6
Chip
Splitter / Combiner
Isolation Resistor :100Ω
Unit : mm
-Noticed -
The electrical characteristics are sub-
ject to be changed by the type of sub-
strate, thickness, mounting conditions,
wiring to the terminals of this coupler,
ground position, and the alike, so that
please confirm its performance inside
the circuit.
American Accurate Components, Inc.
Surface Mount Power Splitter/Combiner
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - CSP3155

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSP3157-2600-G AAC-CSP3157-2600-G Datasheet
118Kb / 1P
SURFACE MOUNT Power Splitter/Combiner
More results

Similar Description - CSP3155

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
SP-2C+ MINI-SP-2C+ Datasheet
212Kb / 1P
Surface Mount Power Splitter/Combiner
WP4A+ MINI-WP4A+ Datasheet
170Kb / 1P
Surface Mount Power Splitter/Combiner
WP4M+ MINI-WP4M+ Datasheet
247Kb / 1P
Surface Mount Power Splitter/Combiner
logo
American Accurate Compo...
CSP3157-2600-G AAC-CSP3157-2600-G Datasheet
118Kb / 1P
SURFACE MOUNT Power Splitter/Combiner
logo
Mini-Circuits
TRPS2-232-75 MINI-TRPS2-232-75 Datasheet
572Kb / 3P
Surface Mount Power Splitter/Combiner
REV. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com