Electronic Components Datasheet Search
  English  ▼

X  

DBM2115 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # DBM2115
Description  RF Mixer Double Balance SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

DBM2115 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  DBM2115 Datasheet HTML 1Page - American Accurate Components, Inc. DBM2115 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP DOUBLE BALANCED MIXERS
Double Balanced Mixers
Features
•
Lowest Loss and VSWR
•
Custom Designs Available
•
Surface Mounted
•
Low Cost
•
Available on Tape and Reel
•
Custom Designs Available
Dimensions, Schematics
0.5
0.6±0.1 R8 min.(Upside)
Unit:mm
(8)
(7)
(6)
(5)
(8)
(7)
(6)
(5)
2109
(1)
(2)
(3)
(4)
(1)
(2)
(3)
(4)
1.27±0.15
DBM2109, DBM2115
Port Position
DBM2219
3.81±0.15
4.99±0.2
0.7 max.
1.5 max.
(1) RF
(8)GND
(2) IF
(7) IF
(3)GND
(6)GND
(4) LO
(5)GND
(1) LO
(8)GND
(2) IF
(7) IF
(3)GND
(6)GND
(4) RF
(5)GND
* IF port{(2) to (7)} shall be connected on the substrate.
* Recommend a pattern IF port {(2) to (7)} sized at 0.6±0.1 mm.
Order Information
- 860M ~ 970MHz -
Style No.
Frequency
Range
[ MHz ]
Lo Power
[ dBm ]
Conversion
Loss
[ dB ]
Intercept
Point
[ dBm ]
1 dB
Compression
[ dBm ]
Isolation
[ dB ]
Impedance
[
Ω ]
Max. Input
Power
[ mW ]
Max. Input
Current
[ mA ]
DBM 2109-01A
(RX)
DBM 2109-01B
(TX)
RF Input
{Port (1)} 860~970
LO Input
{Port (4)} 710~1120
IF Output
{Port (7)} 40~150
IF Input
{Port (7)} 40~150
LO Input
{Port (4)} 670~1120
RF Output
{Port (1)} 820~970
+8
+3
0
+8
+3
0
8.0 max.
9.0 max.
10.0 max.
8.5 max.
9.0 max.
10.0 max.
+8 min.
+7 min.
+6 min.
−
−
−
0 min.
−1 min.
−2 min.
−4 min.
−4 min.
−4 min.
RF
-> IF 8 min.
LO
-> IF 14 min.
LO
-> RF 20 min.
I F
-> RF 20 min.
LO
-> IF 18 min.
LO
-> RF 20 min.
50
50
50
50
50
50
American Accurate Components, Inc.
1
RF Mixer Double Balance SMD
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - DBM2115

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBM21H1P-JNMBK52 ITT-DBM21H1P-JNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21H1S-NNMB ITT-DBM21H1S-NNMB Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21H1S-NNMBK52 ITT-DBM21H1S-NNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21H1S-VNMBK52 ITT-DBM21H1S-VNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM21W1P1A0NNMBK52 ITT-DBM21W1P1A0NNMBK52 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DBM2115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM5001 SANYO-SPM5001 Datasheet
37Kb / 3P
RF Double Balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M222 MACOM-M222 Datasheet
120Kb / 2P
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
logo
American Accurate Compo...
DBM9A AAC-DBM9A Datasheet
90Kb / 1P
SMT RF Frequency Mixer Double Balance
HDM50123-0900-G AAC-HDM50123-0900-G Datasheet
180Kb / 1P
SMT RF Frequency Mixer Double Balance
logo
BOWEI Integrated Circui...
MDB-01 BOWEI-MDB-01 Datasheet
130Kb / 1P
Broadband Double-balance Mixer
logo
American Accurate Compo...
SBM9A34 AAC-SBM9A34 Datasheet
97Kb / 1P
SMT RF Frequency Mixer Double Balance
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
RF Double Balanced Mixer IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com