Electronic Components Datasheet Search
  English  ▼

X  

MCP40D17T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP40D17T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP40D17T Datasheet HTML 4Page - Microchip Technology MCP40D17T Datasheet HTML 5Page - Microchip Technology MCP40D17T Datasheet HTML 6Page - Microchip Technology MCP40D17T Datasheet HTML 7Page - Microchip Technology MCP40D17T Datasheet HTML 8Page - Microchip Technology MCP40D17T Datasheet HTML 9Page - Microchip Technology MCP40D17T Datasheet HTML 10Page - Microchip Technology MCP40D17T Datasheet HTML 11Page - Microchip Technology MCP40D17T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MCP40D17/18/19
DS22152B-page 8
© 2009 Microchip Technology Inc.
Digital Inputs/Outputs (SDA, SCK)
Schmitt Trigger
High Input
Threshold
VIH
0.7 VDD
——
V
1.8V
≤ V
DD ≤ 5.5V
Schmitt Trigger
Low Input
Threshold
VIL
-0.5
—
0.3VDD
V
Hysteresis of
Schmitt Trigger
Inputs (Note 5)
VHYS
—0.1VDD
—
V
All inputs except SDA and SCL
N.A.
—
—
V
SDA
and
SCL
100 kHz
VDD < 2.0V
N.A.
—
—
V
VDD ≥ 2.0V
0.1 VDD
——
V
400 kHz
VDD < 2.0V
0.05 VDD
——
V
VDD ≥ 2.0V
Output Low
Voltage (SDA)
VOL
VSS
—0.2VDD
VVDD < 2.0V, IOL = 1 mA
VSS
—0.4
V
VDD ≥ 2.0V, IOL = 3 mA
Input Leakage
Current
IIL
-1
—
1
µA
VIN = VDD and VIN = VSS
Pin Capacitance
CIN, COUT
—10
—
pF
fC = 400 kHz
RAM (Wiper) Value
Value Range
N
0h
—
7Fh
hex
Wiper POR/BOR
Value
NPOR/BOR
3Fh
hex
Power Requirements
Power Supply
Sensitivity
(MCP40D18 only)
PSS
—
0.0005
0.0035
%/%
VDD = 2.7V to 5.5V,
VA = 2.7V, Code = 3Fh
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP40D18 device only, includes VWZSE and VWFSE.
4:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
5:
This specification by design.
6:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
7:
POR/BOR is not rate dependent.
8:
Supply current is independent of current through the resistor network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com