Electronic Components Datasheet Search
  English  ▼

X  

MCP98243 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 27Page - Microchip Technology MCP98243 Datasheet HTML 28Page - Microchip Technology MCP98243 Datasheet HTML 29Page - Microchip Technology MCP98243 Datasheet HTML 30Page - Microchip Technology MCP98243 Datasheet HTML 31Page - Microchip Technology MCP98243 Datasheet HTML 32Page - Microchip Technology MCP98243 Datasheet HTML 33Page - Microchip Technology MCP98243 Datasheet HTML 34Page - Microchip Technology MCP98243 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 31
MCP98243
5.1.7
RESOLUTION REGISTER
This register allows the user to change the sensor
resolution
(see
Section 5.2.4
“Temperature
Resolution”). The POR default resolution is 0.25°C.
The selected resolution is also reflected in the
Capability register (see Register 5-2).
FIGURE 5-10:
Timing Diagram for Changing TA Resolution to 0.0625°C <0000 0011>b (See
Section 4.0 “Serial Communication”).
REGISTER 5-8:
RESOLUTION
→ ADDRESS ‘0000 1000’b
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
Resolution
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
Resolution:
00
= LSB = 0.5°C (tCONV = 30 ms typical)
01
= LSB = 0.25°C (power up default, tCONV = 65 ms typical)
10
= LSB = 0.125°C (tCONV = 130 ms typical)
11
= LSB = 0.0625°C (tCONV = 260 ms typical)
SDA
A
C
K
00
1
1
A
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP98243
MCP98243
A
C
K
P
1
2
3
4
567
8
Data
Resolution Pointer
MCP98243
00
0
0
1
00
0
0
0
0
0
0
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com