Electronic Components Datasheet Search
  English  ▼

X  

24AA64F Datasheet(PDF) 26 Page - Microchip Technology

Part # 24AA64F
Description  64K I2C??Serial EEPROM with Quarter-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64F Datasheet(HTML) 26 Page - Microchip Technology

Back Button 24AA64F Datasheet HTML 22Page - Microchip Technology 24AA64F Datasheet HTML 23Page - Microchip Technology 24AA64F Datasheet HTML 24Page - Microchip Technology 24AA64F Datasheet HTML 25Page - Microchip Technology 24AA64F Datasheet HTML 26Page - Microchip Technology 24AA64F Datasheet HTML 27Page - Microchip Technology 24AA64F Datasheet HTML 28Page - Microchip Technology 24AA64F Datasheet HTML 29Page - Microchip Technology 24AA64F Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
24AA64F/24LC64F
DS22154A-page 26
© 2009 Microchip Technology Inc.
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip prod-
uct. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation
can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150.
Please list the following information, and use this outline to provide us with your comments about this document.
To:
Technical Publications Manager
RE:
Reader Response
Total Pages Sent ________
From: Name
Company
Address
City / State / ZIP / Country
Telephone: (_______) _________ - _________
Application (optional):
Would you like a reply?
Y
N
Device:
Literature Number:
Questions:
FAX: (______) _________ - _________
DS22154A
24AA64F/24LC64F
1.
What are the best features of this document?
2.
How does this document meet your hardware and software development needs?
3.
Do you find the organization of this document easy to follow? If not, why?
4.
What additions to the document do you think would enhance the structure and subject?
5.
What deletions from the document could be made without affecting the overall usefulness?
6.
Is there any incorrect or misleading information (what and where)?
7.
How would you improve this document?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com