Electronic Components Datasheet Search
  English  ▼

X  

RE46C104 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C104
Description  Piezoelectric Horn Driver and Voltage Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C104 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C104 Datasheet HTML 1Page - Microchip Technology RE46C104 Datasheet HTML 2Page - Microchip Technology RE46C104 Datasheet HTML 3Page - Microchip Technology RE46C104 Datasheet HTML 4Page - Microchip Technology RE46C104 Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RE46C104
Piezoelectric Horn Driver and Voltage Converter
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
© 2009 Microchip Technology Inc.
DS22164A-page 2
Electrical Characteristics at TA = 25°C, VDD = 5V, Vss = 0V (unless otherwise noted).
Parameter
Test
Pin
Test Conditions
Limits
Min
Typ
Max
Units
Supply Voltage
Vdd
Operating
4.0
5.0
8.0
V
Standby Supply
Current
Vdd
Hrnen, Cpmpen = Vss
Feed = Vss ; Vdd = 5V
100
500
nA
Vdd
Hrnen, Cpmpen = Vss
Feed = Vss ; Vdd = 8V
500
nA
Supply Current
Vdd
Hrnen = Vss
Cpmpen = Vdd
No Loads; See note 1
200
500
uA
Input Leakage
Hrnen &
Cpmpen
Vin = Vdd or Vss
-100
100
nA
FEED
Feed = +22V
Cpmpen = Vdd
20
50
uA
FEED
Feed = -10V
Cpmpen = Vdd
-50
-15
uA
Input Voltage Low
Hrnen &
Cpmpen
1.0
V
Input Voltage High
Hrnen &
Cpmpen
2.3
V
Output Low Voltage
Horns or
Hornb
Iout = 16mA
Cpmpen = Vdd
0.3
0.5
V
Output High Voltage
Horns or
Hornb
Iout = -16mA
Cpmpen = Vdd
8.5
8.7
V
Vpos Output Voltage
Vpos
Iout = -16mA
Cpmpen = Vdd
Hrnen = Vss
8.9
V
Charge Pump
Oscillator Freq
Vpos
16
kHz
Charge Pump Power
Efficiency
Vpos
Iout = -16mA
C1=C2=10uF
85
%
Charge Pump
Voltage Conversion
Efficiency
Vpos
No Loads
C1=C2=10uF
95
99
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com