Electronic Components Datasheet Search
  English  ▼

X  

RE46C108 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C108
Description  Piezoelectric Horn Driver and Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C108 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C108 Datasheet HTML 1Page - Microchip Technology RE46C108 Datasheet HTML 2Page - Microchip Technology RE46C108 Datasheet HTML 3Page - Microchip Technology RE46C108 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RE46C108
Piezoelectric Horn Driver and Voltage Regulator
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
© 2009 Microchip Technology Inc.
DS22165A-page 2
Electrical Characteristics at TA = 25°C, VDD = 9V, Vss = 0V (unless otherwise noted).
Parameter
Test
Pin
Test Conditions
Limits
Min
Typ
Max
Units
Supply Voltage
Vdd
Operating
6.0
9.0
13.8
V
Standby Supply
Current
Vdd
Hrnen=Vss; No Loads
4
uA
Input Leakage
Hrnen,Resel
Vin=Vdd or Vss
-100
100
nA
FEED
Feed = +22V
20
50
uA
FEED
Feed = -10V
-50
-15
uA
Input Voltage Low
Hrnen,
Regsel
1.0
V
Input Voltage High
Hrnen,
Regsel
2.3
V
Output Low Voltage
Horns or
Hornb
Iout=16mA; Vdd=9V
Vdd=7.2V
0.3
0.5
0.9
V
V
Output High Voltage
Horns or
Hornb
Iout=-16mA; Vdd=9V
Vdd=7.2V
8.5
8.7
6.3
V
V
Regulator Voltage
Regout
Iout<50mA; Regsel=Vdd
Iout<50mA; Regsel=Vss
TA=-40 to 85°C See note #3
4.75
5.0
5.25
3.10
3.3
3.50
V
V
Line Regulation
Regout
6V<Vdd<12V; No load
30
mV
Load Regulation
Regout
0mA<Iout<20mA
100
mV
Brown-Out Threshold
Voltage *See note #1
Vdd
Regsel=Vdd or Vss
Falling edge of Vdd
4.5
5.0
5.5
V
Brown-Out Pull Down
Current
Regout
Vdd=4.5V; Regout=2V
15
25
mA
Regout Overvoltage
Clamp *See note #2
Regout
Regsel=Vdd; Iout > 1mA
Regsel=Vss; Iout > 1mA
5.5
6.0
6.5
3.7
4.0
4.3
V
V
Notes:
1/ The brown-out threshold voltage is the Vdd voltage at which the regulator will be disabled and Regout will be
pulled to Vss.
2/ In normal operation, the regulator will provide high-side current of up to 20mA, but current sinking capability is
typically under 1uA. The overvoltage clamp is intended to limit the voltage at Regout when it is pulled up by an
external source.
3/ The limits shown are 100% tested at 25C only. Test limits are guard-banded based on temperature
characterization to guarantee compliance at temperature extremes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com