Electronic Components Datasheet Search
  English  ▼

X  

RE46C100 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C100
Description  Piezoelectric Horn Driver Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C100 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C100 Datasheet HTML 1Page - Microchip Technology RE46C100 Datasheet HTML 2Page - Microchip Technology RE46C100 Datasheet HTML 3Page - Microchip Technology RE46C100 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RE46C100
Piezoelectric Horn Driver Circuit
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
DC Electrical Characteristics at TA = 25°C, VDD = 9V, Typical Application (unless otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
2
Operating
6
9
16
V
Supply Current
IDD1
2
HRNEN and FEED=0V
100
nA
Input Voltage Low
VIL1
8
1
V
Input Voltage High
VIH1
8
2.3
V
IIL1
8
Vin=VSS
-100
nA
Input Leakage Low
ILFD
4
FEED=-10V
-50
uA
IIH1
8
Vin=VDD
100
nA
Input Leakage High
IHFD
4
FEED=22V
50
uA
VOL1
6,7
Iol=16mA
.3
.5
V
Output Voltage Low
VOL2
6,7
Iol=16mA, VDD=7.2V
.9
V
VOh1
6,7
Ioh=-16mA
8.5
8.7
V
Output Voltage High
VOh2
6,7
Ioh=-16mA, VDD=7.2V
6.3
V
Functional Block Diagram
© 2009 Microchip Technology Inc.
DS22166A-page 2
4
7
6
8
5
FEED
HORNS
2
HORNB
HRNEN
VDD
VSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com