Electronic Components Datasheet Search
  English  ▼

X  

LM339 Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM339
Description  Quad Single Supply Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM339 Datasheet(HTML) 1 Page - Motorola, Inc

  LM339 Datasheet HTML 1Page - Motorola, Inc LM339 Datasheet HTML 2Page - Motorola, Inc LM339 Datasheet HTML 3Page - Motorola, Inc LM339 Datasheet HTML 4Page - Motorola, Inc LM339 Datasheet HTML 5Page - Motorola, Inc LM339 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
2
1
Device
Operating
Temperature Range
Package
LM339,LM339A,
LM239,LM239A,
LM2901, M2901V,
MC3302
ORDERING INFORMATION
LM239D,AD
LM239N,AN
LM339D, AD
LM339N, AN
LM2901D
LM2901N
LM2901VD
LM2901VN
MC3302P
TA = 25° to +85°C
SO–14
Plastic DIP
SO–14
Plastic DIP
SO–14
Plastic DIP
SO–14
Plastic DIP
Plastic DIP
Order this document by LM339/D
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N, P SUFFIX
PLASTIC PACKAGE
CASE 646
PIN CONNECTIONS
14
1
1
14
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
– Input 1
Output 1
Output 3
Output 4
+ Input 1
– Input 2
+ Input 2
+ Input 4
– Input 4
+ Input 3
– Input 3
VCC
Gnd
)
*
)
*
4
(Top View)
TA = 0° to +70°C
TA = –40° to +105°C
TA = –40° to +85°C
TA = –40° to +125°C
1
MOTOROLA ANALOG IC DEVICE DATA
Quad Single Supply
Comparators
These comparators are designed for use in level detection, low–level
sensing and memory applications in consumer automotive and industrial
electronic applications.
• Single or Split Supply Operation
• Low Input Bias Current: 25 nA (Typ)
• Low Input Offset Current: ±5.0 nA (Typ)
• Low Input Offset Voltage: ±1.0 mV (Typ) LM139A Series
• Input Common Mode Voltage Range to Gnd
• Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA
• TTL and CMOS Compatible
• ESD Clamps on the Inputs Increase Reliability without Affecting Device
Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
Vdc
LM239, A/LM339A/LM2901, V
+36 or
±18
MC3302
+30 or
±15
Input Differential Voltage Range
VIDR
Vdc
LM239, A/LM339A/LM2901, V
36
MC3302
30
Input Common Mode Voltage Range
VICMR
–0.3 to VCC
Vdc
Output Short Circuit to Ground (Note 1)
ISC
Continuous
Power Dissipation @ TA = 25°C
PD
Plastic Package
1.0
W
Derate above 25
°C
8.0
mW/
°C
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
°C
LM239, A
–25 to +85
MC3302
–40 to +85
LM2901
–40 to +105
LM2901V
–40 to +125
LM339, A
0 to +70
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE: 1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC.
Output short circuits to VCC can cause excessive heating and eventual destruction.
Figure 1. Circuit Schematic
VCC
+ Input
– Input
Output
Gnd
NOTE: Diagram shown is for 1 comparator.
© Motorola, Inc. 1996
Rev 2


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
NXP Semiconductors
LM339 PHILIPS-LM339 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM339 STMICROELECTRONICS-LM339 Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Intersil Corporation
LM339 INTERSIL-LM339 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Texas Instruments
LM339 TI-LM339 Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com