Electronic Components Datasheet Search
  English  ▼

X  

RE46C129 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C129
Description  CMOS Ionization Smoke Detector ASIC with Interconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C129 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C129 Datasheet HTML 1Page - Microchip Technology RE46C129 Datasheet HTML 2Page - Microchip Technology RE46C129 Datasheet HTML 3Page - Microchip Technology RE46C129 Datasheet HTML 4Page - Microchip Technology RE46C129 Datasheet HTML 5Page - Microchip Technology RE46C129 Datasheet HTML 6Page - Microchip Technology RE46C129 Datasheet HTML 7Page - Microchip Technology RE46C129 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect
Product Specification
© 2009 Microchip Technology Inc.
DS22172A-page 1
General Description
The RE46C129 is low power CMOS ionization type
smoke detector IC. With few external components this
circuit will provide all the required features for an
ionization type smoke detector.
An internal oscillator strobes power to the smoke
detection circuitry for 10.5mS every 1.66 seconds to
keep standby current to a minimum. A check for a low
battery condition is performed every 40 seconds when
in standby.
An interconnect pin allows multiple detectors to be
connected such that when one units alarms all units will
sound.
Although this device was designed for smoke detection
utilizing an ionization chamber it could be used in a
variety of security applications.
Utilizing low power CMOS technology the RE46C129
was designed for use in smoke detectors that comply
with Underwriters Laboratory Specification UL217 and
UL268.
Features
•
Guard Outputs for Ion Detector Input
•
+/-0.75pA Detect Input Current
•
Internal Reverse Battery Protection
•
Low Quiescent Current Consumption (<6.5uA)
•
Available in 16L PDIP or 16L N SOIC
•
ESD Protection on all Pins
•
Internal Low Battery Detection
•
Interconnect up to 40 Detectors
•
Compatible with Allegro A5350
•
Available in Standard Packaging or RoHS Compliant
Pb Free Packaging.
Pin Configuration
16
GUARD2
1
NC
2
DETECT
IO
15
3
GUARD1
LBADJ
14
NC
4
VSEN
13
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
15
V
Input Voltage Range Except FEED, IO
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
IO Input Voltage Range
Vio1
-.3 to 17
V
Reverse Battery Time
TRB
5
S
Input Current except FEED
Iin
10
mA
Operating Temperature
TA
-10 to 60
°C
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used
when handling this product. Damage can occur when exposed to extremely high static electrical charge.
5
OSCAP
12
LED
VDD
RBIAS
FEED
6
HS
11
7
HB
10
VSS
8
9


Similar Part No. - RE46C129

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
More results

Similar Description - RE46C129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
Ionization Smoke Detector with Interconnect
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com