Electronic Components Datasheet Search
  English  ▼

X  

RE46C122 Datasheet(PDF) 5 Page - Microchip Technology

Part # RE46C122
Description  CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C122 Datasheet(HTML) 5 Page - Microchip Technology

  RE46C122 Datasheet HTML 1Page - Microchip Technology RE46C122 Datasheet HTML 2Page - Microchip Technology RE46C122 Datasheet HTML 3Page - Microchip Technology RE46C122 Datasheet HTML 4Page - Microchip Technology RE46C122 Datasheet HTML 5Page - Microchip Technology RE46C122 Datasheet HTML 6Page - Microchip Technology RE46C122 Datasheet HTML 7Page - Microchip Technology RE46C122 Datasheet HTML 8Page - Microchip Technology RE46C122 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RE46C122
CMOS Ionization Smoke Detector ASIC with
R&E International
Interconnect and Timer Mode
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22173A-page 5
DEVICE DESCRIPTION and APPLICATION NOTES
Internal Timing – With external components as indicated on the application drawing the period of the oscillator is
nominally 1.67 seconds in standby. Every 1.66 seconds the detection circuitry is powered up for 10.5mS and the
status of the smoke comparator is latched. In addition every 40 seconds the LED driver is turned on for 10.5mS
and the status of the low battery comparator is latched. The smoke comparator status is not checked during the
low battery test, during the low battery horn warning chirp, or when the horn is on due to an alarm condition.
If an alarm condition is detected the oscillator period increases to 41.5mS.
Due to the low currents used in the oscillator the capacitor on pin 12 should be a low leakage type. Oscillator
accuracy will depend mainly on the tolerance of the RBIAS resistor and OSCAP capacitor.
Smoke Detection Circuit – The smoke comparator compares the ionization chamber voltage to a voltage derived
from a resistor divider across VDD. This divider voltage is available externally on pin 13 (VSEN). When smoke is
detected this voltage is internally increased by 130mV nominal to provide hysteresis and make the detector less
sensitive to false triggering.
Pin 13 (VSEN) can be used to modify the internal set point for the smoke comparator by use of external resistors
to VDD or VSS. Nominal values for the internal resistor divider are indicated on the block diagram. These internal
resistor values can vary by up to ±20% but the resistor matching should be <2% on any one device. Transmission
switches on VSEN and LBADJ prevent any interaction from the external adjustment resistors.
The guard amplifier and outputs are always active and will be within 50mV of the DETECT input to reduce surface
leakage. The guard outputs also allow for measurement of the DETECT input without loading the ionization
chamber.
Low Battery Detection - An internal reference is compared to the voltage divided VDD supply. The battery can be
checked under load via the LED low side driver output since low battery status is latched at the end of the 10.5mS
LED pulse. Pin 3 (LBADJ) can be used to modify the low battery set point by placing a resistor to VDD or VSS.
Transmission switches on VSEN and LBADJ prevent any interaction from external adjustment resistance.
LED Pulse – The LED is pulsed on for 10.5mS every 40S in standby. In alarm the LED is pulsed on for 10.5mS
every 1S.
Interconnect – Pin 2 (IO) provides the capability to common many detectors in a single system. If a single unit
goes into alarm the IO pin is driven high. This high signal causes the interconnected units to alarm. The LED
flashes every 1S for 10.5mS on the signaling unit and is inhibited on the units that are in alarm due to the IO
signal. An internal sink device on the IO pin helps to discharge the interconnect line. This charge dump device is
active for 1 clock cycle after the unit exits the alarm condition (1.67S).
The interconnect input has a 500mS nominal digital filter. This allows for interconnection to other types of alarms
(carbon monoxide for example) that may have a pulsed interconnect signal.
Testing – At power up all internal registers are reset. The low battery set point can be tested at power up by
holding FEED and OSCAP low at power up. HB will change state as VDD passes through the low battery set
point. By holding pin 12 (OSCAP) low the internal power strobe is active. Functional testing can be accelerated by
driving pin 12 with a 4 kHz square wave however the 10.5mS strobe period must be maintained for proper
operation of the analog circuitry. Please refer to the timing diagrams.
Timer Mode – The transition of pin 1 (TSTART) from a high to low level initiates a ten minute timer. During this 10
minute period the open drain NMOS on pin 4 (TSTROBE) is strobed on with the internal clock. A resistor
connected to this pin could be used to modify the detector sensitivity for the timer period.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com