Electronic Components Datasheet Search
  English  ▼

X  

RE46C152 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C152
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C152 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C152 Datasheet HTML 1Page - Microchip Technology RE46C152 Datasheet HTML 2Page - Microchip Technology RE46C152 Datasheet HTML 3Page - Microchip Technology RE46C152 Datasheet HTML 4Page - Microchip Technology RE46C152 Datasheet HTML 5Page - Microchip Technology RE46C152 Datasheet HTML 6Page - Microchip Technology RE46C152 Datasheet HTML 7Page - Microchip Technology RE46C152 Datasheet HTML 8Page - Microchip Technology RE46C152 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C152
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
Product Specification
© 2009 Microchip Technology Inc.
DS22175A-page 1
General Description
The RE46C152 is a low power CMOS ionization type
smoke detector IC. With few external components this
circuit will provide all the required features for an
ionization type smoke detector.
An internal oscillator strobes power to the smoke
detection circuitry for 10.5mS every 1.66 seconds to
keep standby current to a minimum. A check for a low
battery condition is performed every 40 seconds when
in standby. The Tone input allows for selection of a
temporal pattern or a 2/3 duty cycle continuous tone.
The temporal horn pattern supports the NFPA 72
emergency evacuation signal.
An interconnect pin allows multiple detectors to be
connected such that when one units alarms all units will
sound.
An internal 8 minute timer allows for a separate button
to be used for reduced sensitivity mode. Single button
operation for test and timer mode is also possible.
Although this device was designed for smoke detection
utilizing an ionization chamber it could be used in a
variety of security applications.
Utilizing low power CMOS technology the RE46C152
was designed for use in smoke detectors that comply
with Underwriters Laboratory Specification UL217 and
UL268.
Features
•
>1500V ESD Protection (HBM) on all Pins
•
Guard Outputs for Ion Detector Input
•
+/-0.75pA Detect Input Current
•
Internal Reverse Battery Protection
•
Low Quiescent Current Consumption (<6.5uA)
•
16L PDIP
•
Internal Low Battery Detection
•
Power Up Low Battery Test
•
Interconnect up to 40 Detectors
•
Pin selectable horn patterns
•
8 Minute Timer for Sensitivity Control
•
Available in RoHS Compliant Pb Free Packaging.
Pin Configuration
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
15
V
Input Voltage Range Except FEED, IO
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
IO Input Voltage Range
Vio1
-.3 to 17
V
Reverse Battery Time
TRB
5
S
Input Current except FEED
Iin
10
MA
Operating Temperature
TA
-10 to 60
°C
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
16
GUARD2
1
TSTART
2
DETECT
IO
15
3
GUARD1
TONE
14
TSTROBE
4
VSEN
13
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used
when handling this product. Damage can occur when exposed to extremely high static electrical charge.
5
OSCAP
12
LED
VDD
RBIAS
FEED
6
HS
11
7
HB
10
VSS
8
9


Similar Part No. - RE46C152

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8F MICROCHIP-RE46C100D8F Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8TF MICROCHIP-RE46C100D8TF Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results

Similar Description - RE46C152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com