Electronic Components Datasheet Search
  English  ▼

X  

RE46C141 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C141
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C141 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C141 Datasheet HTML 1Page - Microchip Technology RE46C141 Datasheet HTML 2Page - Microchip Technology RE46C141 Datasheet HTML 3Page - Microchip Technology RE46C141 Datasheet HTML 4Page - Microchip Technology RE46C141 Datasheet HTML 5Page - Microchip Technology RE46C141 Datasheet HTML 6Page - Microchip Technology RE46C141 Datasheet HTML 7Page - Microchip Technology RE46C141 Datasheet HTML 8Page - Microchip Technology RE46C141 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RE46C141
CMOS Photoelectric Smoke Detector ASIC with Interconnect
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
© 2009 Microchip Technology Inc.
DS22177A-page 2
DC Electrical Characteristics at TA = -25° to 75°C, VDD=9V, Typical Application (unless otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
5
Operating
6
12
V
IDD1
5
Configured as in Figure 2,
COSC=VSS
4
6
uA
IDD2
5
Configured as in Figure 2,
VDD=12V, COSC=VSS
5.5
8
uA
IDD3
5
Configured as in Figure 2,
STROBE on, IRED off, VDD=12V
2
mA
Supply Current
IDD4
5
Configured as in Figure 2,
STROBE on, IRED on, VDD=12V,
Note 1
3
mA
VIH1
10
FEED
6.2
4.5
V
VIH2
7
No Local Alarm, IO as an Input
3.2
V
Input Voltage High
VIH4
16
TEST
8.5
V
VIL1
10
FEED
4.5
2.7
V
VIL2
7
No Local Alarm, IO as an Input
1.5
V
Input Voltage Low
VIL4
16
TEST
7
V
IIL1
1,2,3
VDD=12V, COSC=12V, STROBE
active
-100
nA
IIL2
12,15
VDD=12V, Vin=VSS
-100
nA
IIL3
16
VDD=12V, Vin=VSS
-1
uA
Input Leakage Low
ILFD
10
FEED=-10V
-50
uA
IIH1
1,2
VDD=12V, Vin=VDD, STROBE
active
100
nA
IIH2
3,12,15
VDD=12V, Vin=VDD
100
nA
Input Leakage High
IHFD
10
FEED=22V
50
uA
IPD1
16
Vin=VDD
.25
10
uA
IPDIO1
7
Vin=VDD
20
80
uA
Input Pull Down Current
IPDIO2
7
Vin=17V, VDD=12
140
uA
Output Leakage Current
Low
IOZL1
11,13
Output Off, Output=VSS
-1
uA
Output Leakage Current
High
IOZH1
11,13
Output Off, Output=VDD
1
uA
Note 1: Does not include Q3 emitter current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com