Electronic Components Datasheet Search
  English  ▼

X  

RE46C145 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C145
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C145 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C145 Datasheet HTML 1Page - Microchip Technology RE46C145 Datasheet HTML 2Page - Microchip Technology RE46C145 Datasheet HTML 3Page - Microchip Technology RE46C145 Datasheet HTML 4Page - Microchip Technology RE46C145 Datasheet HTML 5Page - Microchip Technology RE46C145 Datasheet HTML 6Page - Microchip Technology RE46C145 Datasheet HTML 7Page - Microchip Technology RE46C145 Datasheet HTML 8Page - Microchip Technology RE46C145 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RE46C145
CMOS Photoelectric Smoke Detector ASIC with
R&E International
Interconnect and Timer Mode
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22181A-page 2
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used when handling this
product. Damage can occur when exposed to extremely high static electrical charge.
DC Electrical Characteristics at TA = -25° to 75°C, VDD=9V, Typical Application (unless otherwise noted)
Limits
Parameter
Symbo
l
Test
Pin
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
5
Operating
6
12
V
IDD1
5
Configured as in Figure 2,
COSC=VSS, LED off
4
6
uA
IDD2
5
Configured as in Figure 2,
VDD=12V, COSC=VSS
5.5
8
uA
IDD3
5
Configured as in Figure 2, STROBE
on, IRED off, VDD=12V
2
mA
Supply Current
IDD4
5
Configured as in Figure 2, STROBE
on, IRED on, VDD=12V, Note 1
3
mA
VIH1
10
FEED
6.2
4.5
V
VIH2
7
No Local Alarm, IO as an Input
3.2
V
VIH3
15
VSEN
1.6
V
Input Voltage High
VIH4
16
TEST
8.5
V
VIL1
10
FEED
4.5
2.7
V
VIL2
7
No Local Alarm, IO as an Input
1.5
V
VIL3
15
VSEN
.5
V
Input Voltage Low
VIL4
16
TEST
7
V
IIL1
1,2,3
VDD=12V, COSC=12V, STROBE
active
-100
nA
IIL2
10,12
VDD=12V, Vin=VSS
-100
nA
IIL3
15,16
VDD=12V, Vin=VSS
-1
uA
Input Leakage Low
ILFD
10
FEED=-10V
-50
uA
IIH1
1,2
VDD=12V, Vin=VDD, STROBE
active
100
nA
IIH2
3,10,12
VDD=12V, Vin=VDD
100
nA
Input Leakage High
IHFD
10
FEED=22V
50
uA
IPD1
16
Vin=VDD
.25
10
uA
IPD2
15
Vin=VDD
.1
.25
.5
uA
IPDIO1
7
Vin=VDD
20
80
uA
Input Pull Down Current
IPDIO2
7
Vin=17V, VDD=12
140
uA
Output Leakage Current
Low
IOZL1
11,13
Output Off, Output=VSS
-1
uA
Output Leakage Current
High
IOZH1
11,13
Output Off, Output=VDD
1
uA
Note 1: Does not include Q3 emitter current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com