Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 15 Page - Motorola, Inc

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button LM340 Datasheet HTML 11Page - Motorola, Inc LM340 Datasheet HTML 12Page - Motorola, Inc LM340 Datasheet HTML 13Page - Motorola, Inc LM340 Datasheet HTML 14Page - Motorola, Inc LM340 Datasheet HTML 15Page - Motorola, Inc LM340 Datasheet HTML 16Page - Motorola, Inc LM340 Datasheet HTML 17Page - Motorola, Inc LM340 Datasheet HTML 18Page - Motorola, Inc LM340 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LM340, A Series
15
MOTOROLA ANALOG IC DEVICE DATA
–0.1
Figure 11. Line Transient Response
Figure 12. Load Transient Response
Figure 13. Worst Case Power Dissipation
versus Ambient Temperature (Case 221A)
0
102030
40
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
1.0
0.5
0
t, TIME (
µs)
Vout = 5.0 V
Iout = 150 mA
CO = 0
TJ = 25°C
1.0
010
20
30
40
t, TIME (
µs)
Vout = 5.0 V
Vin = 10 V
CO = 0
TJ = 25°C
0.3
0.2
0.1
0
–0.2
–0.3
1.5
0.5
0
20
16
12
8.0
4.0
0
–50
–25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
θJC = 5°C/W
θJA = 65°C/W
TJ(max) = 150°C
θHS = 0°C/W
θHS = 5°C/W
θHS = 15°C/W
No Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com