Electronic Components Datasheet Search
  English  ▼

X  

2SA2219 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA2219
Description  Transistor Silicon PNP Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2219 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA2219 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2219 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2219 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2219 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2219 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2219
2009-09-28
3
Collector-emitter voltage VCE (V)
IC – VCE
-2
0
0
-1.5
-0.3
-0.4
-0.8
-1.2
-1.6
-0.6
-0.9
IC – VCE
-20
0
-4
-8
-12
-16
Collector-emitter voltage VCE (V)
hFE-IC
10
100
1000
-0.001
-0.01
-0.1
-1
-10
Collector current IC (A)
-10
-0.01
-0.1
-1
Collector current IC (A)
VCE (sat) – IC
-0.1
-1
-10
-0.001
-0.01
-0.1
-1
-10
Collector current IC (A)
VBE (sat) – IC
IC – VBE
Base-emitter voltage VBE (V)
0
-0.4
-0.8
-1.6
-1.2
-1.5
0
IB=-1mA
Common emitter
IC/IB = 10
Single Pulse test
−55℃
Ta=100℃
25℃
Common emitter
VCE = -5 V
Single Pulse test
25℃
Ta=100℃
-1
-0.5
Common emitter
VCE = - 5 V
Single Pulse test
−55℃
Common emitter
IC/IB = 10
Single Pulse test
Ta=100℃
−55℃
25℃
-1.2
-2.4
0
-1.5
-0.3
-0.6
-0.9
-1.2
Common emitter
Ta
= 25°C
Single Pulse test
Common emitter
Ta= 25℃
Single Pulse test
-24
-14
-12
-2
-3
-80
-30
-50
IB=-1mA
-15
-120
-0.001
-0.01
-0.1
-1
-10
-5
Ta=100℃
25℃
−55℃
-7
-5
300
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com