Electronic Components Datasheet Search
  English  ▼

X  

2SC6139 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6139
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6139 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6139 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6139 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6139 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6139 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6139 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6139
2009-09-28
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC6139
○
Audio Frequency Amplifier Applications
• High collector voltage
: VCEO = 160 V (min)
• Small collector output capacitance
: Cob = 12pF (typ.)
• High transition frequency
: fT = 100MHz (typ.)
• Complementary to 2SA2219
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
160
V
Collector-emitter voltage
VCEO
160
V
Emitter-base voltage
VEBO
6
V
DC
IC
1.5
A
Collector current
Pulse
ICP
2.5
A
Base current
IB
0.5
A
Collector power dissipation
PC
1
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Ensure that the channel temperature does not exceed 150°C
during use of the device.
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-7D101A
Weight : 0.2 g (typ.)


Similar Part No. - 2SC6139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6139 TOSHIBA-2SC6139 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6139

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM879 HSMC-HM879 Datasheet
27Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
MT3S04AU TOSHIBA-MT3S04AU Datasheet
111Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL TYPE
11-Sep-2000
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
01-Jul-2004
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6502 TOSHIBA-TPC6502 Datasheet
187Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6503 TOSHIBA-TPC6503 Datasheet
197Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPCP8510 TOSHIBA-TPCP8510 Datasheet
218Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com