Electronic Components Datasheet Search
  English  ▼

X  

LM393 Datasheet(PDF) 3 Page - Motorola, Inc

Part # LM393
Description  SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM393 Datasheet(HTML) 3 Page - Motorola, Inc

  LM393 Datasheet HTML 1Page - Motorola, Inc LM393 Datasheet HTML 2Page - Motorola, Inc LM393 Datasheet HTML 3Page - Motorola, Inc LM393 Datasheet HTML 4Page - Motorola, Inc LM393 Datasheet HTML 5Page - Motorola, Inc LM393 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM393, LM393A, LM293, LM2903, LM2903V
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow ≤ TA ≤ Thigh,* unless otherwise noted.)
Ch
i i
Sb l
LM393A
Ui
Characteristic
Symbol
Min
Typ
Max
Unit
Output Leakage Current
IOL
µA
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 5.0 Vdc, TA= 25°C
–
0.1
–
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 30 Vdc, Tlow ≤ TA ≤ Thigh
–
–
1.0
Supply Current
ICC
mA
RL = ∞ Both Comparators, TA = 25°C
–
0.4
1.0
RL = ∞ Both Comparators, VCC = 30 V
–
1.0
2.5
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow ≤ TA ≤ Thigh, unless otherwise noted.)
Ch
i i
Sb l
LM392, LM393
LM2903, LM2903V
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 2)
VIO
mV
TA = 25°C
–
±1.0
±5.0
–
±2.0
±7.0
Tlow ≤ TA ≤ Thigh
–
–
9.0
–
9.0
15
Input Offset Current
IIO
nA
TA = 25°C
–
±5.0
±50
–
±5.0
±50
Tlow ≤ TA ≤ Thigh
–
–
±150
–
±50
±200
Input Bias Current (Note 3)
IIB
nA
TA = 25°C
–
25
250
–
25
250
Tlow ≤ TA ≤ Thigh
–
–
400
–
200
500
Input Common Mode Voltage Range (Note 3)
VICR
V
TA = 25°C
0
–
VCC –1.5
0
–
VCC –1.5
Tlow ≤ TA ≤ Thigh
0
–
VCC –2.0
0
–
VCC –2.0
Voltage Gain
AVOL
50
200
–
25
200
–
V/mV
RL ≥ 15 kΩ, VCC = 15 Vdc, TA = 25°C
Large Signal Response Time
–
–
300
–
–
300
–
ns
Vin = TTL Logic Swing, Vref = 1.4 Vdc
VRL = 5.0 Vdc, RL = 5.1 kΩ, TA = 25°C
Response Time (Note 5)
tTLH
–
1.3
–
–
1.5
–
µs
VRL = 5.0 Vdc, RL = 5.1 kΩ, TA = 25°C
Input Differential Voltage (Note 6)
VID
–
–
VCC
–
–
VCC
V
All Vin ≥ Gnd or V– Supply (if used)
Output Sink Current
ISink
6.0
16
–
6.0
16
–
mA
Vin ≥ 1.0 Vdc, Vin+ = 0 Vdc, VO ≤ 1.5 Vdc TA = 25°C
Output Saturation Voltage
VOL
mV
Vin ≥ 1.0 Vdc, Vin+ = 0, ISink ≤ 4.0 mA, TA = 25°C
–
150
400
–
–
400
Tlow ≤ TA ≤ Thigh
–
–
700
–
200
700
Output Leakage Current
IOL
nA
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 5.0 Vdc, TA = 25°C
–
0.1
–
–
0.1
–
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 30 Vdc,
Tlow ≤ TA ≤ Thigh
–
–
1000
–
–
1000
Supply Current
ICC
mA
RL = ∞ Both Comparators, TA = 25°C
–
0.4
1.0
–
0.4
1.0
RL = ∞ Both Comparators, VCC = 30 V
–
–
2.5
–
–
2.5
*Tlow = 0°C, Thigh = +70°C for LM393/393A
LM293 Tlow = –25°C, Thigh = +85°C
LM2903 Tlow = –40°C, Thigh = +105°C
LM2903V Tlow = –40°C, Thigh = +125°C
NOTES: 2. At output switch point, VO]1.4 Vdc, RS = 0 Ω with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to VCC = –1.5 V).
3. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state, there
fore, no loading changes will exist on the input lines.
5. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are obtainable.
6. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common mode
range. The low input state must not be less than –0.3 V of ground or minus supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com