Electronic Components Datasheet Search
  English  ▼

X  

TC74LCX86FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74LCX86FN
Description  Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX86FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX86FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX86FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74LCX86F/FN/FT/FK
2008-05-01
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
2.0 to 3.6
Power supply voltage
VCC
1.5 to 3.6 (Note 2)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 3)
Output voltage
VOUT
0 to VCC (Note 4)
V
±24
(Note 5)
Output current
IOH/IOL
±12
(Note 6)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: VCC = 0 V
Note 4: High or low state
Note 5: VCC = 3.0 to 3.6 V
Note 6: VCC = 2.7 to 3.0 V
Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
⎯
2.7 to 3.6
2.0
⎯
Input voltage
L-level
VIL
⎯
2.7 to 3.6
⎯
0.8
V
IOH = −100 μA
2.7 to 3.6
VCC
− 0.2
⎯
IOH = −12 mA
2.7
2.2
⎯
IOH = −18 mA
3.0
2.4
⎯
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
⎯
IOL = 100 μA
2.7 to 3.6
⎯
0.2
IOL = 12 mA
2.7
⎯
0.4
IOL = 16 mA
3.0
⎯
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
⎯
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
2.7 to 3.6
⎯
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
⎯
10.0
μA
VIN = VCC or GND
2.7 to 3.6
⎯
10.0
Quiescent supply current
ICC
VIN = 3.6 to 5.5 V
2.7 to 3.6
⎯
±10.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7 to 3.6
⎯
500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com