Electronic Components Datasheet Search
  English  ▼

X  

TC74VHC139F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VHC139F
Description  Dual 2-to-4 Line Decoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC139F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC139F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC139F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74VHC139F/FN/FT/FK
2008-05-01
2
IEC Logic Symbol
Truth Table
Inputs
Outputs
Enable
Select
G
B
A
0
Y
1
Y
2
Y
3
Y
Selected
Output
H
X
X
H
H
H
H
None
L
L
L
L
H
H
H
0
Y
L
L
H
H
L
H
H
1
Y
L
H
L
H
H
L
H
2
Y
L
H
H
H
H
H
L
3
Y
X: Don’t care
System Diagram
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(10)
(5)
X/Y
(4)
(7)
(6)
(11)
(12)
0
Y
1
1
2
EN
(9)
1
Y
1
2
Y
1
3
Y
1
0
Y
2
1
Y
2
2
Y
2
3
Y
2
(3)
(2)
(1)
(13)
(14)
(15)
1A
1B
G
1
2A
2B
G
2
0
1
2
3
(10)
(5)
DMUX
(4)
(7)
(6)
(11)
(12)
0
Y
1
0
1
3
0
G
(9)
1
Y
1
2
Y
1
3
Y
1
0
Y
2
1
Y
2
2
Y
2
3
Y
2
(3)
(2)
(1)
(13)
(14)
(15)
1A
1B
G
1
2A
2B
G
2
0
1
2
3
G
A
B
2/14
3/13
1/15
4/12
5/11
6/10
7/9
3
Y
2
Y
1
Y
0
Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com