Electronic Components Datasheet Search
  English  ▼

X  

TCR5SC26FE Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCR5SC26FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC26FE Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR5SC26FE Datasheet HTML 2Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 9Page - Toshiba Semiconductor TCR5SC26FE Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
6
Attention in Use
•
Output Capacitors
Ceramic capacitors can be used for these devices. However, because of the type of the capacitors, there might
be unexpected thermal features. Please consider application condition for selecting capacitors. And Toshiba
recommend the ESR of ceramic capacitor is under 10
Ω.
•
Mounting
The long distance between IC and output capacitor might affect phase assurance by impedance in wire and
inductor. For stable power supply, output capacitor need to mount near IC as much as possible. Also GND pattern
need to be large and make the wire impedance small as possible.
•
Permissible Loss
Please have enough design patterns for expected maximum permissible loss. And under consideration of
surrounding temperature, input voltage, and output current etc, we recommend proper dissipation ratings for
maximum permissible loss; in general maximum dissipation rating is 70 to 80 percent.
•
Overcurrent Protection Circuit
Overcurrent protection circuit is designed in these products, but this does not assure for the suppression of
uprising device operation. If output pins and GND pins are shorted out, these products might be break down.
In use of these products, please read through and understand dissipation idea for absolute maximum ratings from
the above mention or our ‘Semiconductor Reliability Handbook’. Then use these products under absolute maximum
ratings in any condition. Furthermore, Toshiba recommend inserting failsafe system into the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com