Electronic Components Datasheet Search
  English  ▼

X  

TPC6111 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6111
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6111 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6111 Datasheet HTML 1Page - Toshiba Semiconductor TPC6111 Datasheet HTML 2Page - Toshiba Semiconductor TPC6111 Datasheet HTML 3Page - Toshiba Semiconductor TPC6111 Datasheet HTML 4Page - Toshiba Semiconductor TPC6111 Datasheet HTML 5Page - Toshiba Semiconductor TPC6111 Datasheet HTML 6Page - Toshiba Semiconductor TPC6111 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC6111
2009-05-12
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
TPC6111
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 33 mΩ (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −20 V)
• Enhancement mode: Vth = −0.3 to −1.0 V
(VDS = −10 V, ID = −1mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
± 8
V
DC
(Note 1)
ID
−5.5
Drain current
Pulse
(Note 1)
IDP
−22
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
5.1
mJ
Avalanche current
IAR
−2.8
A
Repetitive avalanche energy
(Note 4)
EAR
0.019
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Circuit Configuration
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient (t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to ambient (t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5): See other pages.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
6
4
1
2
3
5


Similar Part No. - TPC6111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6111 TOSHIBA-TPC6111 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6111 VBSEMI-TPC6111 Datasheet
456Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC6111

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
SSM3J129TU TOSHIBA-SSM3J129TU Datasheet
193Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J307T TOSHIBA-SSM3J307T Datasheet
213Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
TPC8119 TOSHIBA-TPC8119 Datasheet
206Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com