Electronic Components Datasheet Search
  English  ▼

X  

TPC6502 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6502
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6502 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6502 Datasheet HTML 1Page - Toshiba Semiconductor TPC6502 Datasheet HTML 2Page - Toshiba Semiconductor TPC6502 Datasheet HTML 3Page - Toshiba Semiconductor TPC6502 Datasheet HTML 4Page - Toshiba Semiconductor TPC6502 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPC6502
2006-11-13
4
0.01
0.1
1
10
0.1
1
10
100
IC MAX.(pulsed)※
1ms※
10ms※
100ms※
10s※
100μs※
10μs※
ICP MAX.(continuous)
DC o
p
(Ta=25℃)
Collector-emitter voltage VCE (V)
Safe Operating Area
*: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms,
10 s and DC operation will be
different when the devices are not
mounted on an FR4 board
(glass-epoxy; 1.6 mm thick; Cu
area, 645 mm
2).
These characteristic curves
must be derated linearly with
increase in temperature.
DC operation
Ta = 25°C
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Pulse width tw (s)
rth(j-a) – tw
Curves apply only to limited areas of thermal resistance.
Single nonrepetitive pulse Ta
= 25°C
Mounted on an FR4 board (glass-epoxy; 1.6 mm thick; Cu area, 645
mm
2)
IC max (pulse) *
10 ms*
1 ms*
100
μs*
10
μs*
Ic MAX (continuous)
10 s*
100 ms*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com