Electronic Components Datasheet Search
  English  ▼

X  

TPC6504 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6504
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6504 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6504 Datasheet HTML 1Page - Toshiba Semiconductor TPC6504 Datasheet HTML 2Page - Toshiba Semiconductor TPC6504 Datasheet HTML 3Page - Toshiba Semiconductor TPC6504 Datasheet HTML 4Page - Toshiba Semiconductor TPC6504 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPC6504
2009-07-23
4
Pulse width tw (s)
rth – tw
Safe operating area
1
0.001
0.01
0.1
1
10
100
1000
10
100
1000
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
100
μs*
1 ms*
100 ms*
10 ms*
10 s*
10
0.001
0.1
1
10
100
0.1
1
0.01
10
μs*
Collector-emitter voltage VCE (V)
DC operation
Ta = 25°C
IC max (Continuous)
IC max (Pulse)*
*: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 10ms,
100 ms, 10 s and DC operation
will be different when the device
aren’t mounted on an FR4 board
(glass epoxy, 1.6 mm thick, Cu
area: 645 mm
2).
These characteristic curves must
be derated linearly with increase
in temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com