Electronic Components Datasheet Search
  English  ▼

X  

TPC8030 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPC8030
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8030 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPC8030 Datasheet HTML 1Page - Toshiba Semiconductor TPC8030 Datasheet HTML 2Page - Toshiba Semiconductor TPC8030 Datasheet HTML 3Page - Toshiba Semiconductor TPC8030 Datasheet HTML 4Page - Toshiba Semiconductor TPC8030 Datasheet HTML 5Page - Toshiba Semiconductor TPC8030 Datasheet HTML 6Page - Toshiba Semiconductor TPC8030 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8030
2009-09-29
6
100
t = 10 ms *
1 ms *
0.1
1
10
100
0.1
1
VDSS max
10
0.1
0.001
0.01
0.1
1
10
100
1000
1
10
100
1000
(2)
(1)
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
rth − tw
Single pulse
Pulse width tw (s)
Drain
−source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com