Electronic Components Datasheet Search
  English  ▼

X  

TPCC8103 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCC8103
Description  Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCC8103 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCC8103 Datasheet HTML 1Page - Toshiba Semiconductor TPCC8103 Datasheet HTML 2Page - Toshiba Semiconductor TPCC8103 Datasheet HTML 3Page - Toshiba Semiconductor TPCC8103 Datasheet HTML 4Page - Toshiba Semiconductor TPCC8103 Datasheet HTML 5Page - Toshiba Semiconductor TPCC8103 Datasheet HTML 6Page - Toshiba Semiconductor TPCC8103 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCC8103
2009-07-15
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOSⅤ)
TPCC8103
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to a small and thin package
• Low drain-source ON-resistance:
RDS (ON) = 9.4 mΩ (typ.) (VGS = −10 V)
• Low leakage current: IDSS = -10 μA (max) (VDS = -30 V)
• Enhancement mode: Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1.0 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
−30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−18
Drain current
Pulsed (Note 1)
IDP
−54
A
Drain power dissipation (Tc = 25°C)
PD
27
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
0.7
W
Single-pulse avalanche energy
(Note 3)
EAS
84
mJ
Avalanche current
IAR
−18
A
Repetitive avalanche energy
(Tc = 25°C) (Note 4)
EAR
1.59
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-3X1A
Weight: 0.02 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4
1,2,3:SOURCE 4:GATE
5,6,7,8:DRAIN


Similar Part No. - TPCC8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCC8103 TOSHIBA-TPCC8103 Datasheet
225Kb / 7P
Noteboook PC Applications Portable Eqipment Applications
TPCC8103 TOSHIBA-TPCC8103 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCC8103 TOSHIBA-TPCC8103_10 Datasheet
225Kb / 7P
Noteboook PC Applications Portable Eqipment Applications
More results

Similar Description - TPCC8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8117 TOSHIBA-TPC8117 Datasheet
214Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8120 TOSHIBA-TPC8120 Datasheet
295Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com