Electronic Components Datasheet Search
  English  ▼

X  

TTC0002 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TTC0002
Description  Transistor Silicon NPN Triple Diffused Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC0002 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TTC0002 Datasheet HTML 1Page - Toshiba Semiconductor TTC0002 Datasheet HTML 2Page - Toshiba Semiconductor TTC0002 Datasheet HTML 3Page - Toshiba Semiconductor TTC0002 Datasheet HTML 4Page - Toshiba Semiconductor TTC0002 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TTC0002
2009-06-11
3
1
0.001
0.1
0.001
0.01
0.1
1
10
0
18
0
3
10
0
0
18
3
2
4
6
8
6
9
15
100
1000
0.001
0.01
0.1
1
10
0.1
1
10
1
12
15
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc
= 25°C
Single Pulse test
200mA
60mA
300mA
80mA
Tc
= 100°C
−55°C
25°C
Collector current IC (A)
hFE – IC
Common emitter
VCE = 5 V
Single Pulse test
10
−55°C
25°C
Collector current IC (A)
VCE (sat) – IC
Common emitter
IC/IB = 10
Single Pulse test
-55°C
25°C
Collector current IC (A)
VBE (sat) – IC
Common emitter
IC/IB = 10
Single Pulse test
−55°C
Tc
= 100°C
25°C
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = 5 V
Single Pulse test
0.01
Tc
= 100°C
100
0.4
0.8
1.2
1.6
Tc
= 100°C
12
40mA
100mA
150mA
10
100
0.001
0.01
0.1
1
10
100
2.0
IB
=20mA
9
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com