Electronic Components Datasheet Search
  English  ▼

X  

DM163 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM163
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM163 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM163 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM163 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM163
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version: A.004
Page
1
DM163
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
General Description
The DM163 is a LED driver that comprises shift registers, data latches, 8x3-channel
constant current circuitry with current value set by 3 external resistors, and 64 x 256 gray
level PWM (Pulse Width Modulation) function unit.
Each channel provides a maximum
current of 60 mA. The grayscale data are separated into BANK0 and BANK1 respectively,
selected by SELBK pin. BANK0 is 6-bits grayscale data and the BNAK1 is 8-bits grayscale
data. Depending on the system requirement, both PWM banks could be utilized jointly to
achieve maximum 8+6 bit grayscale performance. Alternatively, users can choose either
64-graylevel bank or 256-graylevel bank for dot correction, and the remaining bank as
image data.
DM163 could also be constructed as a PWM controller for LED drivers. When VDDH
is connected to VDD, each of the 24 output channels outputs can act as an inverse digital
signal for controlling the LED driver.
Features
24 Output Channels
8 + 6-bits PWM grayscale Control
Constant Current Output: 5mA to 60mA
LED Power Supply Voltage up to 17V
VDD=3V to 5.5V
Varied Output Current Level Set By 3 External Resistors
Serial Shift-In Architecture for Grayscale Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com