Electronic Components Datasheet Search
  English  ▼

X  

DM631 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # DM631
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM631 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button DM631 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version:A.003
Page 8
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM631
Switching Characteristics (VCC = 5.0V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
GCK-to-OUT
⎯
45.74
⎯
DCK(rising edg)-to-DAO
⎯
37.16
⎯
Propagation Delay
(‘L’ to ‘H’)
DCK(falling edg)-to-DAO
tpLH
⎯
14.4
⎯
GCK-to-OUT
⎯
23.76
⎯
DCK(rising edg)-to-DAO
⎯
27.82
⎯
Propagation Delay
(‘H’ to ‘L’)
DCK(falling edg)-to-DAO
tpHL
⎯
9.7
⎯
Output Current Rise Time
tor
⎯
18
⎯
Output Current Fall Time
tof
⎯
6.96
⎯
Output to output Delay Time Unit
td
⎯
33
⎯
ns
Output Current
(Propagation Delay after LAT trigger)
top
*1
VIH = VCC
VIL = GND
Rrext = 2.3 K
Ω
VL = 5.0 V
CL = 13 pF
⎯
⎯
288
us
Switching Characteristics (VCC = 3.3V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
GCK-to-OUT
⎯
48.8
⎯
DCK(rising edg)-to-DAO
⎯
21.2
⎯
Propagation Delay
(‘L’ to ‘H’)
DCK(falling edg)-to-DAO
tpLH
⎯
18.3
⎯
GCK-to-OUT
⎯
29.6
⎯
DCK(rising edg)-to-DAO
⎯
17.6
⎯
Propagation Delay
(‘H’ to ‘L’)
DCK(falling edg)-to-DAO
tpHL
⎯
14.4
⎯
Output Current Rise Time
tor
⎯
20
⎯
Output Current Fall Time
tof
⎯
8.25
⎯
Output to output Delay Time Unit
td
⎯
34
⎯
ns
Output Current
(Propagation Delay after LAT trigger)
top
*1
VIH = VCC
VIL = GND
Rrext = 2.3 K
Ω
VL = 3.3 V
CL = 13 pF
⎯
⎯
288
us
OUTn
DAO
REXT
VCC
CL
VL
Switching Characteristics Test Circuit
A
Rrext
DAI
LAT
DCK
SOMODE
/GCK
CL
CL
CL
CL
GND
*1 Reload the new PWM data at the end of the last PWM frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com