Electronic Components Datasheet Search
  English  ▼

X  

DM633 Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # DM633
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM633 Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button DM633 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM633 Datasheet HTML 16Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version : A.002
Page 11
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM633
LED Open/Short Detection
DM633 provides a real time monitor of LED open / short detection function without extra
components or circuit design. When O/S flag
*1 set “L”, it will be identified as a LED open failure
when the output is turned on but the output voltage is below 0.3V. The test result of each channel
will write to its correspondent shift register which is in LSB position (D15[0], D14[0], …., D0[0])
while strobe signal is active. User can refer to timing diagram on page14. Detecting report could be
retrieved from serial-out (DAO) data. If the system reads ‘1’ back, that indicates LED is in normal
status. But if ‘0’ was retrieved, it means LED open failure has occurred. In the short detection, O/S
flag set “H”. And system reads result as ‘1’ means normal, ‘0’ means LED short failure occurred.
The short detection threshold voltage is 65% of VCC.
In order to make sure LED open/short
detection function is in well operating condition, it is recommended that all the luminance data are
wrote to ‘1’ then almost turning on the outputs during detection process.
Thermal Alarm and Shutdown
During operation, when the junction temperature of the chip reaches approximately above
180℃, driver will shutdown all the outputs. Basically, the chip will cool down and return to the
safe operating temperature which is approximately below 110℃. DM633 will restart all the outputs
at the same time. Operating upon 180℃ may cause chip to be damaged permanently.
Shutdown
Alarm
Normal
T( ℃ )
Normal
Shutdown
180 ℃
110 ℃
DM633 provides a real time monitor of chip thermal alarm and shutdown function. Except
avoid the damage occurs when local junction temperature over the limitation, system can recognize
which chip is under this situation. When O/S flag set “ 0”, it will be identified as the chip thermal
over 110℃ as the THF flag retrieved ‘ 0’. The test result of each chip will write to its correspondent
shift register which is in MSB position (D191[0]) while strobe signal is active. User can refer to
timing diagram on page14. Detecting report could be retrieved from serial-out (DAO) data. If the
system reads ‘ 1’ back, that indicates chip is in normal status. But if ‘ 0’ was retrieved, it means the
chip juction temperature is over 180℃ when O/S flag set to ‘ 1’ .
*1 “L” is the default value of O/S flag. User can refer to Global Brightness Control to know how to set O/S flag on page
16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com