Electronic Components Datasheet Search
  English  ▼

X  

PC112 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PC112
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC112 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PC112 Datasheet HTML 3Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 4Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 9Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 10Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-6 -
Version
:A.001
PC112/PC113
Typical performance characteristics (cond.)
5
10
15
20
25
30
0.088
0.09
0.092
0.094
0.096
0.098
0.1
Feedback voltage vs Load current
Load current (mA)
2x LEDs
3x LEDs
4x LEDs
-20
0
20
40
60
80
100
120
420
440
460
480
500
520
540
560
Frequency vs Temperature
Temperature (degree)
NOTE1 :The white LED forward voltage is about 3.6V, so PC112/PC113 could drive up to 6
series white LEDs.
NOTE2 : To chose D1(Schottky diode), it must has fast switch characteristics and low
forward voltage. We recommend the MBR0520in this application.
NOTE3 : The ripple of input voltage could be minimized with C1. Thus, a large value of
capacitor C1 is suggested. With the application of a RC-filter (R1 and C2) to VDD
pin, the stability of circuit is enhanced. The ripple of output voltage also could be
improved with C3. In most designs, the low ESR (equivalent series resistance)
capacitors are desirable, like multi-layer capacitor. A 1uF to 2.2uF output
capacitor is sufficient for most applications.
NOTE4 : ILED =
2
095
.
0
R
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com